Electronic Components Datasheet Search
  English  ▼

X  

VSC8131 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC8131
Description  2.488 Gbit/sec 32:1 SONET/SDH Mux with Clock Generator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8131 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC8131 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8131 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Datasheet
VSC8131
2.488 Gbit/sec
32:1 SONET/SDH Mux with Clock Generator
Page 2
© VITESSE SEMICONDUCTOR CORPORATION
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
11/9/99
G52249-0, Rev. 3.0
Functional Description
Low Speed Interface
The timing for the low speed parallel interface is based upon the CK78OUT output signal. The intent is to
have the device upstream from the VSC8131 use the CK78OUT clock signal as the timing source for its final
output stage latch. CK78IN is to be driven by CK78OUT, refer to Figure 1. This reduces the setup time of the
VSC8131. The maximum propagation delay permitted from CK78OUT to CK78IN is specified by tCKPROP in
the AC Characteristics. The setup and hold time of the data inputs are specified with respect to the rising edge of
CK78IN. D0-D31, CK78OUT, and CK78IN are TTL compatible inputs.
Figure 1: Low Speed System Interface
Parity
A parity check is performed between the parity bit input (PARBIT) and the 32 parallel data inputs (D0-
D31). Even versus odd parity checking is selected with PARMODE. Set PARMODE low to test for odd parity.
Set PARMODE high to test for even parity. The parity error output (PARERR) is set to a logic high when a par-
ity error has occurred. The PARERR signal can be changed from an active high to active low signal by comple-
menting the PARMODE input. PARERR is re-calculated each time new parallel data is clocked in. The newly
calculated PARERR result is clocked out on the rising edge of CK78IN 2 cycles after the data is loaded. PAR-
BIT, PARMODE, and PARERR conform to TTL output levels.
CK78OUT
REFCLK
2.488 GHz
PLL
Divide by 32
VSC8131
Upstream
Device
33
33
D[0:31], PARBIT
CK78IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com