Electronic Components Datasheet Search
  English  ▼

X  

TPS37 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS37
Description  TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS37 Datasheet HTML 2Page - Texas Instruments TPS37 Datasheet HTML 3Page - Texas Instruments TPS37 Datasheet HTML 4Page - Texas Instruments TPS37 Datasheet HTML 5Page - Texas Instruments TPS37 Datasheet HTML 6Page - Texas Instruments TPS37 Datasheet HTML 7Page - Texas Instruments TPS37 Datasheet HTML 8Page - Texas Instruments TPS37 Datasheet HTML 9Page - Texas Instruments TPS37 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range, unless otherwise noted (1)
MIN
MAX
UNIT
Voltage
VDD, VSENSE1,VSENSE2, VRESET1, VRESET2, VRESET1, VRESET2
–0.3
70
Voltage
VCTS1, VCTS2, VCTR1, VCTR2
–0.3
6
Current
IRESET1, IRESET2, IRESET1, IRESET2
10
mA
Temperature (2)
Operating junction temperature, TJ
–40
150
°C
Temperature (2)
Operating Ambient temperature, TA
–40
150
°C
Temperature (2)
Storage, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress
ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
As a result of the low dissipated power in this device, it is assumed that TJ = TA.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC Q100-002 (1)
±2000
V
Charged device model (CDM), per AEC Q100-011
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Voltage
VDD
2.7
65
V
Voltage
VSENSE1,VSENSE2, VRESET1, VRESET2, VRESET1, VRESET2
0
65
V
Voltage
VCTS1, VCTS2, VCTR1, VCTR2
0
5.5
V
Current
IRESET1, IRESET2, IRESET1, IRESET2
0
±5
mA
TJ
Junction temperature (free air temperature)
–40
125
°C
7.4 Thermal Information
THERMAL METRIC
(1)
TPS37-Q1
UNIT
DSK
10-PIN
RθJA
Junction-to-ambient thermal resistance
87.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
76.3
°C/W
RθJB
Junction-to-board thermal resistance
54.2
°C/W
ψJT
Junction-to-top characterization parameter
4.8
°C/W
ψJB
Junction-to-board characterization parameter
54.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
34.8
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
TPS37-Q1
SNVSBD9B – AUGUST 2020 – REVISED SEPTEMBER 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TPS37-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com