Electronic Components Datasheet Search
  English  ▼

X  

TPS37 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS37
Description  TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS37 Datasheet HTML 9Page - Texas Instruments TPS37 Datasheet HTML 10Page - Texas Instruments TPS37 Datasheet HTML 11Page - Texas Instruments TPS37 Datasheet HTML 12Page - Texas Instruments TPS37 Datasheet HTML 13Page - Texas Instruments TPS37 Datasheet HTML 14Page - Texas Instruments TPS37 Datasheet HTML 15Page - Texas Instruments TPS37 Datasheet HTML 16Page - Texas Instruments TPS37 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
7.8 Typical Characteristics (continued)
Typical characteristics show the typical performance of the TPS37-Q1 device. Test conditions are TA = 25°C, RPU = 100 kΩ,
CLoad = 50 pF, unless otherwise noted.
IRESET (mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
0.03
0.06
0.09
0.12
0.15
0.18
0.21
-40oC
25oC
125oC
VDD = 2.7 V
Figure 7-9. Open-Drain Active Low VOL vs IRESET
IRESET (mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.00
0.03
0.06
0.09
0.12
0.15
0.18
0.21
-40oC
25oC
125oC
VDD = 65 V
Figure 7-10. Open-Drain Active Low VOL vs IRESET
IRESET (mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
0.03
0.06
0.09
0.12
0.15
0.18
0.21
-40oC
25oC
125oC
VDD = 2.7 V
Figure 7-11. Open-Drain Active High VOL vs IRESET
IRESET (mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
0.03
0.06
0.09
0.12
0.15
0.18
0.21
-40oC
25oC
125oC
VDD = 65 V
Figure 7-12. Open-Drain Active High VOL vs IRESET
IRESET (mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
0.03
0.06
0.09
0.12
0.15
0.18
0.21
-40oC
25oC
125oC
VDD = 2.7 V
Figure 7-13. Push-Pull Active High VOL vs IRESET
IRESET (mA)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
0.03
0.06
0.09
0.12
0.15
0.18
0.21
-40oC
25oC
125oC
VDD = 65 V
Figure 7-14. Push-Pull Active High VOL vs IRESET
www.ti.com
TPS37-Q1
SNVSBD9B – AUGUST 2020 – REVISED SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS37-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com