Electronic Components Datasheet Search
  English  ▼

X  

TPS37 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS37
Description  TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37 Datasheet(HTML) 1 Page - Texas Instruments

  TPS37 Datasheet HTML 1Page - Texas Instruments TPS37 Datasheet HTML 2Page - Texas Instruments TPS37 Datasheet HTML 3Page - Texas Instruments TPS37 Datasheet HTML 4Page - Texas Instruments TPS37 Datasheet HTML 5Page - Texas Instruments TPS37 Datasheet HTML 6Page - Texas Instruments TPS37 Datasheet HTML 7Page - Texas Instruments TPS37 Datasheet HTML 8Page - Texas Instruments TPS37 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV)
Detector with Programmable Sense and Reset Delay Function for Automotive
1 Features
• AEC-Q100 qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature TA
– Device HBM ESD classification level 2
– Device CDM ESD classification level C7B
• Wide supply voltage range: 2.7 V to 65 V
• SENSE and RESET pins are 65 V graded
• Low quiescent current: 1 µA (typical)
• Flexible and wide voltage threshold options
Table 13-1
– 2.7 V to 36 V (1.5% maximum accuracy)
– 800 mV option (1% maximum accuracy)
• Built-in hysteresis (VHYS)
– Percentage options: 2% to 13% (1% steps)
– Fixed options: VTH < 8 V = 0.5 V, 1 V, 1.5 V,
2 V, 2.5 V
• Programmable reset time delay
– 10 nF = 12.8 ms, 10 μF = 12.8 s
• Programmable sense time delay
– 10 nF = 1.28 ms, 10 μF = 1.28 s
• Manual Reset (MR) feature
• Output reset latching feature
• Output topology: Open-Drain or Push-Pull
2 Applications
• Telematics control unit
• Emergency call system
• Audio amplifier
• Head unit and cluster
• Sensor fusion and cameras
• Body control module
3 Description
The TPS37-Q1 is a 65 V input voltage detector with
1 μA IDD, 1% accuracy, and with a fast 10 μs detection
time. This device can be connected directly to
12 V / 24 V automotive battery system for continuous
monitoring of over (OV) and under (UV) voltage
conditions; with its internal resistor divider, it offers the
smallest total solution size. Wide hysteresis voltage
options are available to ignore cold crank, start-stop
and various car battery voltage transients. Built-in
hysteresis on the SENSE pins prevents false reset
signals when monitoring a supply voltage rail.
The
separate
VDD
and
SENSE
pins
allow
redundancy sought by high-reliability automotive
systems and SENSE can monitor higher and lower
voltages than VDD. Optional use of external resistors
are supported by the high impedance input of the
SENSE pins. CTSx and CTRx pins allow delay
adjustability on the rising and falling edges of the
RESET signals. Also, CTSx functions as a debouncer
by ignoring voltage glitches on the monitored voltage
rails; CTRx operates as a manual reset (MR) that can
be used to force a system reset.
TPS37-Q1 is available in WSON or SOT-23 package.
The WSON package has wettable flanks allowing
the facilitation for Automatic Optical Inspection (AOI)
and low resolution X-ray inspection. The central pad
is non-conductive to increase the creepage between
VDD and GND per guidelines in IEC60664.
Device Information
PART NUMBER
PACKAGE (1)
BODY SIZE (NOM)
TPS37-Q1
WSON (10) (DSK)
2.5 mm × 2.5 mm
TPS37-Q1
SOT-23 (14) (DYY) (2)
4.1 mm × 1.9 mm
(1)
For package details, see the mechanical drawing addendum
at the end of the data sheet.
(2)
Product Preview
DC/DC
MCU
Low Iq, No external
resistors needed
GND
Boost
Converter
MCU Flag
Enable
Boost
SENSE1
SENSE2
RESET1
RESET2
Backup
Vba
VDD
GND
VDD
GPIO
TPS37-Q1
Typical Application Circuit
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
55
60
65
0.50
0.55
0.60
0.65
0.70
0.75
0.80
0.85
0.90
0.95
-40oC
25oC
125oC
Typical IDD vs VDD
TPS37-Q1
SNVSBD9B – AUGUST 2020 – REVISED SEPTEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - TPS37

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS37 TI-TPS37 Datasheet
4Mb / 42P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
SEPTEMBER 2021
TPS37 TI-TPS37 Datasheet
4Mb / 42P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
SEPTEMBER 2021
TPS37 TI-TPS37 Datasheet
5Mb / 48P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
DECEMBER 2021
TPS37 TI-TPS37 Datasheet
5Mb / 48P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
DECEMBER 2021
TPS37 TI-TPS37 Datasheet
5Mb / 48P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
DECEMBER 2021
More results

Similar Description - TPS37

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS37 TI-TPS37 Datasheet
4Mb / 42P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
SEPTEMBER 2021
TPS37-Q1 TI-TPS37-Q1 Datasheet
4Mb / 42P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
SEPTEMBER 2021
TPS37 TI-TPS37_V01 Datasheet
5Mb / 48P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
DECEMBER 2021
TPS37-Q1 TI-TPS37-Q1_V02 Datasheet
5Mb / 48P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
DECEMBER 2021
TPS37 TI-TPS37_V02 Datasheet
5Mb / 48P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
DECEMBER 2021
TPS38-Q1 TI-TPS38-Q1_V02 Datasheet
4Mb / 53P
TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
DECEMBER 2021
TPS37-Q1 TI1-TPS37-Q1_V03 Datasheet
3Mb / 45P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
REVISED JULY 2023
TPS37 TI1-TPS37_V03 Datasheet
2Mb / 44P
TPS37 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function
REVISED AUGUST 2023
TPS38-Q1 TI1-TPS38-Q1_V03 Datasheet
2Mb / 47P
TPS38-Q1 Wide VIN 65 V Dual Channel Overvoltage or Undervoltage (OV or UV) Detector with Programmable Sense and Reset Function for Automotive
REVISED AUGUST 2023
TPS37-Q1 TI-TPS37-Q1_V04 Datasheet
3Mb / 47P
TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com