Electronic Components Datasheet Search
  English  ▼

X  

TPS37 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS37
Description  TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS37 Datasheet HTML 5Page - Texas Instruments TPS37 Datasheet HTML 6Page - Texas Instruments TPS37 Datasheet HTML 7Page - Texas Instruments TPS37 Datasheet HTML 8Page - Texas Instruments TPS37 Datasheet HTML 9Page - Texas Instruments TPS37 Datasheet HTML 10Page - Texas Instruments TPS37 Datasheet HTML 11Page - Texas Instruments TPS37 Datasheet HTML 12Page - Texas Instruments TPS37 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
7.6 Timing Requirements
At VDD(MIN) ≤ VDD ≤ VDD (MAX), CTR1/MR = CTR2/MR = CTS1 = CTS2 = open (1), output reset pull-up resistor RPU = 10 kΩ,
voltage VPU = 5.5V, and CLOAD = 10 pF. VDD and SENSE slew rate = 1V / µs. The operating free-air temperature range TA =
– 40°C to 125°C, unless otherwise noted. Typical values are at TA = 25°C and VDD = 16 V and VIT = 6.5 V (VIT refers to
either VITN or VITP).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Common timing parameters
tCTR
Reset release time delay
(CTR1/MR, CTR2/MR) (2)
VIT = 2.7 V to 36 V
CCTR1 = CCTR2 = Open
20% Overdrive from Hysteresis
100
µs
VIT = 800 mV
CCTR1 = CCTR2 = Open
20% Overdrive from Hysteresis
40
µs
tCTS
Sense detect time delay
(CTS1, CTS2) (3)
VIT = 2.7 V to 36 V
CCTS1 = CCTS2 = Open
20% Overdrive from VIT
34
90
µs
VIT = 800 mV
CCTS1 = CCTS2 = Open
20% Overdrive from VIT
8
11
µs
tSD
Startup Delay (4)
CCTR1/MR = CCTR2/MR = Open
2
ms
(1)
CCTR1 = Reset delay channel 1, CCTR2 = Reset delay channel 2,
CCTS1 = Sense delay channel 1, CCTS2 = Sense delay channel 2
(2)
CTR Reset detect time delay:
Overvoltage active-LOW output is measure from VITP - HYS to VOH
Undervoltage active-LOW output is measure from VITN + HYS to VOH
Overvoltage active-HIGH output is measure from VITP - HYS to VOL
Undervoltage active-HIGH output is measure from VITN + HYS to VOL
(3)
CTS Sense detect time delay:
Active-low output is measure from VIT to VOL (or VPullup)
Active-high output is measured from VIT to VOH
VIT refers to either VITN or VITP
(4)
During the power-on sequence, VDD must be at or above VDD (MIN) for at least tSD before the output is in the correct state based on
VSENSE.
tSD time includes the propagation delay (CCTR1 = CCTR2 = Open). Capaicitor in CCTR1 or CCTR2 will add time to tSD.
www.ti.com
TPS37-Q1
SNVSBD9B – AUGUST 2020 – REVISED SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TPS37-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com