Electronic Components Datasheet Search
  English  ▼

X  

TPS37 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # TPS37
Description  TPS37-Q1 Wide VIN 65 V Dual Channel Overvoltage & Undervoltage (OV & UV) Detector with Programmable Sense and Reset Delay Function for Automotive
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS37 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TPS37 Datasheet HTML 25Page - Texas Instruments TPS37 Datasheet HTML 26Page - Texas Instruments TPS37 Datasheet HTML 27Page - Texas Instruments TPS37 Datasheet HTML 28Page - Texas Instruments TPS37 Datasheet HTML 29Page - Texas Instruments TPS37 Datasheet HTML 30Page - Texas Instruments TPS37 Datasheet HTML 31Page - Texas Instruments TPS37 Datasheet HTML 32Page - Texas Instruments TPS37 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
12 Layout
12.1 Layout Guidelines
• Make sure that the connection to the VDD pin is low impedance. Good analog design practice is to place a
greater than 0.1 µF ceramic capacitor as near as possible to the VDD pin.
• To further improve the noise immunity on the SENSEx pins, placing a 10 nF to 100 nF capacitor between the
SENSEx pins and GND can reduce the sensitivity to transient voltages on the monitored signal.
• If a capacitor is used on CTS1, CTS2, CTR1, or CTR2, place these components as close as possible to the
respective pins. If the capacitor adjustable pins are left unconnected, make sure to minimize the amount of
parasitic capacitance on the pins to less than 5 pF.
• For open-drain variants, place the pull-up resistors on RESET1 and RESET2 pins as close to the pins as
possible.
• When laying out metal traces, separate high voltage traces from low voltage traces as much as possible. If
high and low voltage traces need to run close by, spacing between traces should be greater than 20 mils
(0.5 mm).
• Do not have high voltage metal pads or traces closer than 20 mils (0.5 mm) to the low voltage metal pads or
traces.
12.2 Layout Example
The DSK layout example in Figure 12-1 shows how the TPS37-Q1 is laid out on a printed circuit board (PCB)
with user-defined delays.
Monitored Voltage
Overvoltage Flag
CVDD
2
9
3
8
7
5
6
10
GND
RPU2
1
VDD
RPU1
Undervoltage Flag
TPS37-Q1
Monitored Voltage
V
PULL-UP
V
PULL-UP
4
GND
Vias used to connect pins for application-specific connections
CSENSE1
CSENSE2
DSK Package
Figure 12-1. TPS37-Q1 DSK Package Recommended Layout
www.ti.com
TPS37-Q1
SNVSBD9B – AUGUST 2020 – REVISED SEPTEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TPS37-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com