Electronic Components Datasheet Search
  English  ▼

X  

AD9887APCB Datasheet(PDF) 35 Page - Analog Devices

Part # AD9887APCB
Description  Dual Interface for Flat Panel Displays
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9887APCB Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9887APCB Datasheet HTML 31Page - Analog Devices AD9887APCB Datasheet HTML 32Page - Analog Devices AD9887APCB Datasheet HTML 33Page - Analog Devices AD9887APCB Datasheet HTML 34Page - Analog Devices AD9887APCB Datasheet HTML 35Page - Analog Devices AD9887APCB Datasheet HTML 36Page - Analog Devices AD9887APCB Datasheet HTML 37Page - Analog Devices AD9887APCB Datasheet HTML 38Page - Analog Devices AD9887APCB Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
REV. 0
AD9887A
–35–
A Logic 1 enables the external CKEXT input pin. In this
mode, the PLL Divide Ratio (PLLDIV) is ignored. The
clock phase adjust (PHASE) is still functional.
The power-up default value is EXTCLK = 0.
0F
2
Red Clamp Select
A bit that determines whether the red channel is clamped
to ground or to midscale. For RGB video, all three channels
are referenced to ground. For YCbCr (or YUV), the Y
channel is referenced to ground, but the CbCr channels
are referenced to midscale. Clamping to midscale actually
clamps to Pin 118, RCLAMPV.
Table XXII. Red Clamp Select Settings
Clamp
Function
0Clamp to Ground
1Clamp to Midscale (Pin 118)
The default setting for this register is 0.
0F
1
Green Clamp Select
A bit that determines whether the green channel is clamped
to ground or to midscale.
Table XXIII. Green Clamp Select Settings
Clamp
Function
0Clamp to Ground
1Clamp to Midscale (Pin 109)
The default setting for this register is 0.
0F
0
Blue Clamp Select
A bit that determines whether the blue channel is clamped
to ground or to midscale.
Table XXIV. Blue Clamp Select Settings
Clamp
Function
0Clamp to Ground
1Clamp to Midscale (Pin 99)
The default setting for this register is 0.
MODE CONTROL 2
10
7
Clk Inv Data Output Clock Invert
A control bit for the inversion of the output data clocks,
(Pins 134, 135). This function works only for the digital
interface. When not inverted, data is output on the trail-
ing edge of the data clock. See timing diagrams to see
how this affects timing.
Table XXV. Clock Output Invert Settings
Clk Inv
Function
0Not Inverted
1
Inverted
The default for this register is 0, not inverted.
10
6
Pix Select
This bit selects either 1 or 2 pixels per clock mode for the
digital interface. It determines whether the data comes
out of a single port (even port only), at the full data rate,
or out of two ports (both even and odd ports), at one-half
the full data rate per port. A Logic 0 selects 1 pixel per
clock (even port only). A Logic 1 selects 2 pixels per clock
(both ports). See the Digital Interface Timing Diagrams,
Figures 33 to 36, for a visual representation of this function.
Note: This function operates exactly like the DEMUX
function on the analog interface.
Table XXVI. Pix Select Settings
Pix Select
Function
01 Pixel per Clock
12 Pixels per Clock
The default for this register is 0, 1 pixel per clock.
10
5, 4
Output Drive
These two bits select the drive strength for the high speed
digital outputs (all data output and clock output pins).
Higher drive strength results in faster rise/fall times and in
general makes it easier to capture data. Lower drive strength
results in slower rise/fall times and helps to reduce EMI
and digitally generated power supply noise. The exact
timing specifications for each of these modes are specified
in Table VII.
Table XXVII. Output Drive Strength Settings
Bit 5
Bit 4
Result
11
High Drive Strength
10
Medium Drive Strength
0X
Low Drive Strength
The default for this register is 11, high drive strength. (This
option works on both the analog and digital interfaces.)
10
3 PDO—Power-Down Outputs
A bit that can put the outputs in a high impedance mode.
This applies only to the 48 data output pins and the two
data clock output pins.
Table XXVIII. Power-Down Output Settings
CKINV
Function
0Normal Operation
1
Three-State
The default for this register is 0. (This option works on
both the analog and digital interfaces.)
10
2
Sync Detect Polarity
This pin controls the polarity of the sync detect output
pin (Pin 136).
Table XXIX. Sync Detect Polarity Settings
Polarity
Function
0Activity = Logic 1 Output
1Activity = Logic 0 Output
The default for this register is 0. (This option works on
both the analog and digital interfaces.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com