Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 4 Page - Analog Devices

Part # LTC3871
Description  A 7-Bit Current DAC with PMBus Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3871 Datasheet(HTML) 4 Page - Analog Devices

  LTC3871 Datasheet HTML 1Page - Analog Devices LTC3871 Datasheet HTML 2Page - Analog Devices LTC3871 Datasheet HTML 3Page - Analog Devices LTC3871 Datasheet HTML 4Page - Analog Devices LTC3871 Datasheet HTML 5Page - Analog Devices LTC3871 Datasheet HTML 6Page - Analog Devices LTC3871 Datasheet HTML 7Page - Analog Devices LTC3871 Datasheet HTML 8Page - Analog Devices LTC3871 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC7106
4
Rev A
For more information www.analog.com
PMBus INTERFACE TIMING CHARACTERISTICS The
l
denotes the specifications which
apply over the specified operating junction temperature range, otherwise specifications are at TA = 25°C (Note 2), VDD = 3.3V, unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSCL
Serial Bus Operating Frequency
10
400
kHz
tBUF
Bus Free Time Between Stop and Start Condition
1.3
µs
tHD_SDA
Hold Time After (Repeated) Start Condition
0.6
µs
tSU_SDA
Repeated Start Condition Setup Time
0.6
µs
tSU_STO
Stop Condition Setup Time
0.6
µs
tHD_DAT(OUT)
Data Hold Time
300
900
ns
tHD_DAT(IN)
Input Data Hold Time
0
ns
tSU_DAT
Data Setup Time
100
ns
tLOW
Clock Low Period
1.3
10000
µs
tHIGH
Clock High Period
0.6
µs
tTIMEOUT_SMB
Stuck PMBus Timer
30
ms
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC7106 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC7106E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC7106I is guaranteed
over the –40°C to 125°C operating junction temperature range. High
junction temperatures degrade operating lifetimes; operating lifetime
is derated for junction temperatures greater than 125°C. Note that the
maximum ambient temperature consistent with these specifications is
determined by specific operating conditions in conjunction with board
layout, the rated package thermal impedance and other environmental
factors. TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • 55°C/W).
Note 3: IDAC is a bidirectional current DAC, controlled by 2’s complementary
logic. Under the setting of Range = Normal, IDAC = 63µA for Code = 0111111
provides the maximum source current and IDAC = –64µA for Code = 1000000
provides the maximum sink current. Max sink current generates the Highest
VOUT, while Max source current generates the lowest VOUT. See the Operation
section for more details.
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current vs Temperature
IDAC Leakage Current vs
Temperature
PIDAC Full-Scale vs Temperature
TA = 25°C, VDD = 3.3V, VIDAC = 1.0V,
Range = Normal unless otherwise noted.
VEN = 0, OR VID[6:0] = 0
TEMPERATURE (°C)
–50
–5
40
85
130
–1
0
1
2
3
IDAC Leakage Current vs. Temp
7106 G02
TEMPERATURE (°C)
–50
–10
30
70
110
150
62.500
62.600
62.700
62.800
62.900
63.000
63.100
63.200
63.300
63.400
63.500
PIDAC Full Scale VS. Temperature
7106 G03
VID[6:0] = 0111111
IRANGE = NOMINAL
TEMP (°C)
–50
–10
30
70
110
150
500
550
600
650
700
750
800
850
900
950
1000
7106 G01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com