Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC3871
Description  A 7-Bit Current DAC with PMBus Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3871 Datasheet(HTML) 1 Page - Analog Devices

  LTC3871 Datasheet HTML 1Page - Analog Devices LTC3871 Datasheet HTML 2Page - Analog Devices LTC3871 Datasheet HTML 3Page - Analog Devices LTC3871 Datasheet HTML 4Page - Analog Devices LTC3871 Datasheet HTML 5Page - Analog Devices LTC3871 Datasheet HTML 6Page - Analog Devices LTC3871 Datasheet HTML 7Page - Analog Devices LTC3871 Datasheet HTML 8Page - Analog Devices LTC3871 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC7106
1
Rev A
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
A 7-Bit Current DAC with
PMBus Interface
The LTC®7106 is a precision, PMBus controlled, bidi-
rectional current digital-to-analog converter that adjusts
the output voltage of any conventional VFB referenced
regulator. The LTC7106 can work with the vast majority
of power management controllers or regulators to enable
digital control of the output voltage. Internal power-on
reset circuitry keeps the DAC output current at zero
(high impedance IDAC) until a valid write takes place.
Features include a range bit for easy interfacing to almost
any impedance resistor divider, and an open-drain GPO
output for controlling the Run or Enable pin of the DC/
DC regulator. For most applications, the current DAC error
is significantly attenuated with proper design. See more
detail about VOUTaccuracyintheApplicationsInformation
section of this data sheet. The LTC7106 is supported by
the ADI LTpowerPlay® development tool with graphical
user interface (GUI).
APPLICATIONS
n
±0.8% IDAC Positive Output Current Accuracy
(Over Temp)
n
±1.5% IDAC Negative Output Current Accuracy
(Over Temp)
n
PMBus/I2C Compliant Serial Interface
n
Input Voltage Range: 2.5V to 5.5V
n
High Impedance at IDAC Output When Disabled
n
Wide IDAC Operation Voltage (0.4V to 2.0V)
n
7-Bit Programmable DAC Output Current for DC/DC
VOUT Control
n
Wide Range IDAC Output Current: ±16μA to ±256μA
n
Programmable Slew Rate: 500ns ~ 3ms per Bit
n
Available in a 10-Lead (3mm × 2mm) DFN Package
n
General Purpose Power Systems
n
Telecom Systems
n
Industrial Applications
All registered trademarks and trademarks are the property of their respective owners.
Margin High and Margin Low
CIRCUIT OF FIGURE 11
VOUT = 24V
IDAC = –40 A
IDAC = 40 A
IDAC = 0 A
100ms/DIV
EN
2V/DIV
VOUT
5V/DIV
7106 TA01b
C1
1µF
10k
R1
10k
R2
RFB1
RFB2
C2
330µF
L1
R4
10k
LTC7106
VDD
GND
IDAC
SDA
SCL
ALERT
GPO
ASEL0
ASEL1
VDD
2.5V
TO 5.5V
SDA
ALERT
SCL
VDD
VIN
DC/DC
SW
VFB
VOUT
RUN
EN
(0.4V to 2V)
VIN
VREF
10k
R3
PMBus INTERFACE
–64 A TO 0 A
0 A TO 63 A
7106 TA01a


Similar Part No. - LTC3871

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3871 LINER-LTC3871 Datasheet
1Mb / 16P
High Power PolyPhase짰 Bi-Directional Supply/Charger
LTC3871 LINER-LTC3871 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
LTC3871 LINER-LTC3871 Datasheet
1Mb / 36P
Hybrid Step-Down Synchronous Controller
LTC3871 LINER-LTC3871 Datasheet
1Mb / 24P
A 7-Bit Current DAC with PMBus Interface
logo
Analog Devices
LTC3871 AD-LTC3871 Datasheet
1Mb / 48P
Six-Phase, Synchronous Bidirectional Buck or Boost Controller
More results

Similar Description - LTC3871

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1427-50 LINER-LTC1427-50 Datasheet
220Kb / 8P
Micropower, 10-Bit Current Output DAC with SMBus Serial Interface
logo
Microchip Technology
MCP4921 MICROCHIP-MCP4921 Datasheet
3Mb / 40P
12-Bit DAC with SPI??Interface
2004
MCP4921 MICROCHIP-MCP4921_07 Datasheet
3Mb / 42P
12-Bit DAC with SPI??Interface
2007
logo
Linear Technology
LTC1427-50 LINER-LTC1427-50_15 Datasheet
211Kb / 8P
Micropower, 10-Bit Current Output DAC with SMBus Serial Interface
LTC7106EDDB LINER-LTC7106EDDB Datasheet
1Mb / 10P
A 7-Bit Current DAC with Digital PMBus Interface
LTC7106 LINER-LTC7106 Datasheet
1Mb / 24P
A 7-Bit Current DAC with PMBus Interface
logo
Maxim Integrated Produc...
MAX5113 MAXIM-MAX5113 Datasheet
8Mb / 27P
9-Channel, 14-Bit Current DAC with SPI Interface
Rev 2; 5/13
MAX5110 MAXIM-MAX5110 Datasheet
47Kb / 2P
9-Channel, 14-Bit Current DAC with SPI Interface
Rev 0; 2010-09-24
MAX5111 MAXIM-MAX5111 Datasheet
83Kb / 2P
9-Channel, 14-Bit, Current DAC with I짼C Interface
1/12/2015
MAX5112 MAXIM-MAX5112 Datasheet
9Mb / 28P
9-Channel, 14-Bit, Current DAC with I2C Interface
19-3563; Rev 1; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com