Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 5 Page - Analog Devices

Part # LTC3871
Description  A 7-Bit Current DAC with PMBus Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3871 Datasheet(HTML) 5 Page - Analog Devices

  LTC3871 Datasheet HTML 1Page - Analog Devices LTC3871 Datasheet HTML 2Page - Analog Devices LTC3871 Datasheet HTML 3Page - Analog Devices LTC3871 Datasheet HTML 4Page - Analog Devices LTC3871 Datasheet HTML 5Page - Analog Devices LTC3871 Datasheet HTML 6Page - Analog Devices LTC3871 Datasheet HTML 7Page - Analog Devices LTC3871 Datasheet HTML 8Page - Analog Devices LTC3871 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC7106
5
Rev A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
NIDAC vs Temperature
Differential Nonlinearity
Integral Nonlinearity
Buck Start-Up with IDAC
Margin High and Margin Low
Boost Start-Up with IDAC
Margin High and Margin Low
TA = 25°C, VDD = 3.3V, Range = Normal unless
otherwise noted.
TEMPERATURE (°C)
–50
0
50
100
150
–64.50
–64.40
–64.30
–64.20
–64.10
–64.00
–63.90
–63.80
–63.70
–63.60
–63.50
7106 G04
VID[6:0] = 1000000
CODE
1
7 13 20 26 32 38 44 51 57 63
–0.30
–0.26
–0.22
–0.18
–0.14
–0.10
–0.06
–0.02
0.02
0.06
0.10
7106 G05
CODE
0
10
20
30
40
50
60
70
–0.15
–0.12
–0.09
–0.06
–0.03
0
0.03
0.06
0.09
0.12
0.15
Integral Non–Linearity
7106 G06
IDAC = –60µA
IDAC = 60µA
10mV/DIV
GPO
5V/DIV
VOUT
0.3V/DIV
7106 G07
LTC7106 + LTM4636
VOUT = 1V
IDAC = 0µA
LTC7106 + LTM4636
IDAC = –60 A
IDAC = 60 A
100ms/DIV
EN
2V/DIV
VOUT
200mV/DIV
7106 G08
IDAC = 0 A
VOUT = 1V
LTC7106 + LTC3784
VOUT = 24V
IDAC = –40 A
IDAC = 40 A
IDAC = 0 A
100ms/DIV
EN
2V/DIV
VOUT
5V/DIV
7106 G10
LTC7106 + LTC3784
VOUT = 24V
VIN = 12V
IDAC = 0 A
2ms/DIV
GPO
5V/DIV
VOUT
10V/DIV
7106 G09
IDAC = –40 A
IDAC = 0 A
IDAC = 40 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com