Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC3871
Description  A 7-Bit Current DAC with PMBus Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3871 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC3871 Datasheet HTML 7Page - Analog Devices LTC3871 Datasheet HTML 8Page - Analog Devices LTC3871 Datasheet HTML 9Page - Analog Devices LTC3871 Datasheet HTML 10Page - Analog Devices LTC3871 Datasheet HTML 11Page - Analog Devices LTC3871 Datasheet HTML 12Page - Analog Devices LTC3871 Datasheet HTML 13Page - Analog Devices LTC3871 Datasheet HTML 14Page - Analog Devices LTC3871 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC7106
11
Rev A
For more information www.analog.com
OPERATION
GPO
GPO is a general purpose open-drain output pin, which
can be set by PMBus command. It is designed to turn on/
off the DC/DC regulator by connecting GPO to the RUN
pin of the regulator. Once GPO is set high, it stays high
even if the EN pin goes low as long as the device is not
power cycled.
ADDRESS
The PMBus address is selected by ASEL0 and ASEL1
pins. Each pin has three states: high, low and floating.
The possible PMBus addresses are shown in Table 3.
Table 3. Address Selection
ASEL1
ASEL0
PMBus ADDRESS
GND
GND
2A
GND
VDD
2C
GND
FLOAT
2E
VDD
GND
4A
VDD
VDD
4C
VDD
FLOAT
4E
FLOAT
GND
6A
FLOAT
VDD
6C
FLOAT
FLOAT
6E
PMBus SERIAL INTERFACE
The LTC7106 serial interface is a PMBus-compliant slave
device and can operate at any frequency between 10kHz
and 400kHz. In addition the LTC7106 always responds to
the global broadcast address of 0x5A or 0x5B (7-bit). The
serial interface supports the following protocols defined
in the PMBus specifications: 1) send command, 2) write
byte, 3) group, 4) read byte and 5) read word. The PMBus
write operations are not acted upon until a complete valid
messageisreceivedbytheLTC7106includingtheSTOPbit.
Communication Failure
Attempts to access unsupported commands or writing
invalid data to supported commands will result in a CML
fault. The CML bit is set in the STATUS_BYTE command
and the ALERT pin is pulled low.
Device Addressing
TheLTC7106offersfourdifferenttypesofaddressingover
the PMBus interface, specifically: 1) global, 2) device, 3)
rail addressing and 4) alert response address (ARA).
Global addressing provides a means of the PMBus master
to address all LTC7106 devices on the bus. The LTC7106
global addresses are fixed 0x5A or 0x5B (7 bit) or 0xB4
or 0xB6 (8 bit) and cannot be disabled.
Device addressing provides the standard means of
the PMBus master communicating with a single instance
of a LTC7106. The value of the device address is set by
the ASEL0/ASEL1 configuration pins. Rail addressing
provides a means of the PMBus master addressing a
set of channels connected to the same output rail, simul-
taneously. This is similar to global addressing, however,
the PMBus  address can be dynamically assigned by
using the MFR_RAIL_ADDRESS command. It is recom-
mendedthatrailaddressingshouldbelimitedtocommand
write operations.
All four means of PMBus addressing require the user to
employ disciplined planning to avoid addressing conflicts.
Fault Status
The STATUS_BYTE and ALERT pin provide fault status
information of the LTC7106 to the host.
Bus Timeout Failure
The LTC7106 implements a timeout feature to avoid hang-
ing the serial interface. The data packet timer begins at the
first START event before the device address write byte.
Data packet information must be completed within 25ms
or the LTC7106 will tri-state the bus and ignore the given
data packet. Data packet information includes the device
address byte write, command byte, repeat start event
(if a read operation), device address byte read (if a read
operation), and all data bytes.
The user is encouraged to use as high a clock rate as
possible to maintain efficient data packet transfer be-
tween  all  devices sharing the serial bus interface. The
LTC7106 supports the full PMBus frequency range from
10kHz to 400kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com