Electronic Components Datasheet Search
  English  ▼

X  

LTC3871 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC3871
Description  A 7-Bit Current DAC with PMBus Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3871 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC3871 Datasheet HTML 16Page - Analog Devices LTC3871 Datasheet HTML 17Page - Analog Devices LTC3871 Datasheet HTML 18Page - Analog Devices LTC3871 Datasheet HTML 19Page - Analog Devices LTC3871 Datasheet HTML 20Page - Analog Devices LTC3871 Datasheet HTML 21Page - Analog Devices LTC3871 Datasheet HTML 22Page - Analog Devices LTC3871 Datasheet HTML 23Page - Analog Devices LTC3871 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC7106
20
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 10. Using the LTC7106 to Margin High μModule LTM4636 Providing 1.2V to 2.0V at 40A
Case Two
In this case, the μModule LTM4636 provides a 1.2V output
and requires to margin high VOUT from 1.2V to 2.0V (see
Figure10).TheVFBoftheLTM4636isagain 0.6V.However,
the top voltage divider is internal (RTOP = 4.99kΩ), so the
RBOT is also fixed at 4.99kΩ. Then IDAC = (1.2V – 2.0V)/
4.99kΩ = –160μA.
So we have to choose MFR_CONTROL [6:5] = 10
(Range = High) to set IDAC LSB = 4μA.
From Table 3, choose DAC[6:0] = 1011000 to set the
IDAC = –160µA, which will margin VOUT from 1.2V to 2.0V.
GPO
1µF
10k
10k
10k
22pF
115k
100µF
22µF
0.1µF
34.8k
4.7µF
470µF
4.99k
100µF
LTC7106
VDD
GND
SDA
SCL
ALERT
GPO
ASEL0
ASEL1
VDD
2.5V TO 5.5V
SDA
ALERT
SCL
EN
LTM4636
RUNC
RUNP
HIZREG
FREQ
MODE/PLLIN
SNSP1
PVCC
TRACK/SS
VOUT
VOUTS1+
VOUTS1-
VFB
SNSP2
COMPA
COMPB
VIN
INTVCC PVCC
25V
4.70V TO 15V
16V
×5
PVCC
INTVCC
INTVCC
×3
SGND PGND
TEMP+ TEMP–
OPTIONAL TEMP MONITOR
PINS NOT USED IN THIS CIRCUIT:
CLKOUT,GMON, PGOOD,PHMODE,PWM,
SW,TEST1,TEST2,TEST3,TEST4,TMON
6.3V
x4
VOUT
1.2V, 40A
VIN < = 5.5V, TIE VIN, INTVCC AND PVCC
TOGETHER, TIE RUNP TO GND,
VIN > 5.5V, THEN OPERATE AS SHOWN
IDAC
160 A
TO MARGIN HIGH
VOUT FROM
1.2V TO 2V
10k
7106 F10
PMBus INTERFACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com