Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 4 Page - Analog Devices

Part # LT8705
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8705 Datasheet(HTML) 4 Page - Analog Devices

  LT8705 Datasheet HTML 1Page - Analog Devices LT8705 Datasheet HTML 2Page - Analog Devices LT8705 Datasheet HTML 3Page - Analog Devices LT8705 Datasheet HTML 4Page - Analog Devices LT8705 Datasheet HTML 5Page - Analog Devices LT8705 Datasheet HTML 6Page - Analog Devices LT8705 Datasheet HTML 7Page - Analog Devices LT8705 Datasheet HTML 8Page - Analog Devices LT8705 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LT8392
4
Rev. 0
For more information www.analog.com
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FB Load Regulation
0.2
0.8
%
FB Voltage Regulation Amplifier gm
660
µs
FB Input Bias Current
FB in regulation, Current out of Pin
20
40
nA
VC Output Impedance
10
MΩ
Current Comparator
Maximum Current Sense Threshold V(LSP-LSN)
Buck, VFB = 0.8V
Boost, VFB = 0.8V
l
l
35
40
50
50
65
60
mV
mV
Fault
FB Short Threshold (VFB)
Falling
0.23
0.25
0.27
V
FB Short Hysteresis
35
50
65
mV
PGOOD Upper Threshold Offset from VFB
Rising
6
8
10
%
PGOOD Lower Threshold Offset from VFB
Falling
–10
–8
–6
%
PGOOD Pull-Down Resistance
100
200
Ω
SS Hard Pull-Down Resistance
VEN/UVLO = 1.1V
100
200
Ω
SS Pull-Up Current
VSS = 0V
10
12.5
15
µA
SS Pull-Down Current
VSS = 2V
1
1.25
1.5
µA
SS Fault Latch-Off Threshold
1.7
V
SS Fault Reset Threshold
0.2
V
Oscillator
Switching Frequency
VSYNC/SPRD = 0V, RT = 100kΩ
l
380
400
420
kHz
SYNC Frequency
150
650
kHz
SYNC/SPRD Threshold Voltage
0.4
1.5
V
Highest Spread Spectrum Above Oscillator Frequency
VSYNC/SPRD = 5V
12
15
18
%
Lowest Spread Spectrum Below Oscillator Frequency
VSYNC/SPRD = 5V
–18
–15
–12
%
NMOS Drivers
TG1, TG2 Gate Driver On-Resistance
Gate Pull-Up
Gate Pull-Down
V(BST–SW) = 5V
2.6
1.4
Ω
Ω
BG1, BG2 Gate Driver On-Resistance
Gate Pull-Up
Gate Pull-Down
VINTVCC = 5V
3.2
1.2
Ω
Ω
TG Off to BG On Delay
60
ns
BG Off to TG On Delay
60
ns
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C (Note 2). VIN = 12V, VEN/UVLO = 1.5V unless otherwise noted.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT8392E is guaranteed to meet performance specifications
from 0°C to 125°C operating junction temperature. Specifications over
the –40°C to 125°C operating junction temperature range are assured by
design, characterization and correlation with statistical process controls.
The LT8392J is guaranteed over the –40°C to 150°C operating junction
temperature range. The LT8392H is guaranteed over the –40°C to 150°C
operating junction temperature range. High junction temperatures degrade
operating lifetimes. Operating lifetime is derated at junction temperatures
greater than 125°C.
Note 3: The LT8392 includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 150°C when overtemperature protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com