Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 5 Page - Analog Devices

Part # LT8705
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8705 Datasheet(HTML) 5 Page - Analog Devices

  LT8705 Datasheet HTML 1Page - Analog Devices LT8705 Datasheet HTML 2Page - Analog Devices LT8705 Datasheet HTML 3Page - Analog Devices LT8705 Datasheet HTML 4Page - Analog Devices LT8705 Datasheet HTML 5Page - Analog Devices LT8705 Datasheet HTML 6Page - Analog Devices LT8705 Datasheet HTML 7Page - Analog Devices LT8705 Datasheet HTML 8Page - Analog Devices LT8705 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LT8392
5
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Efficiency vs Load Current
(Buck Region)
Efficiency vs Load Current
(Buck-Boost Region)
Efficiency vs Load Current
(Boost Region)
TA = 25°C, unless otherwise noted.
Switching Waveforms
(Buck Region)
Switching Waveforms
(Buck-Boost Region)
Switching Waveforms
(Boost Region)
VOUT vs IOUT (CV/CC)
VIN Shutdown Current
VIN Operating Current
FRONT PAGE APPLICATION
VIN = 18V, VOUT = 12V, fSW = 200kHz
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
40
50
60
70
80
90
100
8392 G01
FRONT PAGE APPLICATION
VIN = 12V, VOUT = 12V, fSW = 200kHz
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
40
50
60
70
80
90
100
8392 G02
FRONT PAGE APPLICATION
VIN = 5V, VOUT = 12V, fSW = 200kHz
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
40
50
60
70
80
90
100
8392 G03
FRONT PAGE APPLICATION
VIN = 8V, IOUT = 6A
VSW1
10V/DIV
VSW2
10V/DIV
IL
2A/DIV
VOUT
500mV/DIV
8392 G04
FRONT PAGE APPLICATION
VIN = 12V, IOUT = 6A
VSW1
10V/DIV
VSW2
10V/DIV
IL
2A/DIV
VOUT
500mV/DIV
8392 G05
FRONT PAGE APPLICATION
VIN = 18V, IOUT = 6A
VSW1
10V/DIV
VSW2
10V/DIV
IL
2A/DIV
VOUT
500mV/DIV
8392 G06
LOAD CURRENT (A)
0
2
4
6
8
10
12
0
2
4
6
8
10
12
14
8392 G07
VIN = 4V
VIN = 12V
VIN = 60V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
0.5
1.0
1.5
2.0
2.5
3.0
8392 G08
EXTVCC = 0V
VIN = 12V
VIN = 4V
VIN = 60V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.8
2.0
2.2
2.4
2.6
2.8
8392 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com