Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 8 Page - Analog Devices

Part # LT8705
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8705 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT8705 Datasheet HTML 4Page - Analog Devices LT8705 Datasheet HTML 5Page - Analog Devices LT8705 Datasheet HTML 6Page - Analog Devices LT8705 Datasheet HTML 7Page - Analog Devices LT8705 Datasheet HTML 8Page - Analog Devices LT8705 Datasheet HTML 9Page - Analog Devices LT8705 Datasheet HTML 10Page - Analog Devices LT8705 Datasheet HTML 11Page - Analog Devices LT8705 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LT8392
8
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Oscillator Frequency
vs Temperature
TEMPERATURE (°C)
–50 –25
100
500
600
400
300
200
700
125
100
150
0
25
8392 G28
75
50
RT = 59.0k
RT = 100k
RT = 226k
PIN FUNCTIONS
BG1: Buck Side Bottom Gate Drive. Drives the gate of
buck side bottom N-Channel MOSFET with a voltage
swing from ground to INTVCC.
BST1: Buck Side Bootstrap Floating Driver Supply. The
BST1 pin has an integrated bootstrap Schottky diode from
the INTVCC pin and requires an external bootstrap capac-
itor to the SW1 pin.
SW1: Buck Side Switch Node.
TG1: Buck Side Top Gate Drive. Drives the gate of buck
side top N-Channel MOSFET with a voltage swing from
SW1 to BST1.
LSP: Positive Terminal of the Buck Side Inductor Current
Sense Resistor (RSENSE). Ensure accurate current sense
with Kelvin connection.
LSN: Negative Terminal of the Buck Side Inductor Current
Sense Resistor (RSENSE). Ensure accurate current sense
with Kelvin connection.
VIN: Input Supply. The VIN pin must be tied to the power
input to determine the buck, buck-boost, or boost oper-
ation regions. Locally bypass this pin to ground with a
minimum 1µF ceramic capacitor.
INTVCC: Internal 5V Linear Regulator Output. The INTVCC
linear regulator is supplied from either the VIN pin or the
BIAS pin, and powers the internal control circuitry and
gate drivers. Locally bypass this pin to ground with a
minimum 4.7µF ceramic capacitor.
EN/UVLO: Enable and Undervoltage Lockout. Force the
pin below 0.3V to shut down the part and reduce VIN qui-
escent current below 2µA. Force the pin above 1.233V for
normal operation. The accurate 1.220V falling threshold
can be used to program an undervoltage lockout (UVLO)
threshold with a resistor divider from VIN to ground. An
accurate 2.5µA pull-down current allows the program-
ming of VIN UVLO hysteresis. If neither function is used,
tie this pin directly to VIN.
TEST: Factory Test. This pin is used for testing purpose
only and must be directly connected to ground for the
part to operate properly.
TRIM: Factory Trim. This pin is used for trim purposes
only and must be directly connected to VREF for the part
to operate properly.
VREF: Voltage Reference Output. The VREF pin provides an
accurate 2V reference capable of supplying 1mA current.
Locally bypass this pin to ground with a 0.47µF ceramic
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com