Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 7 Page - Analog Devices

Part # LT8705
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8705 Datasheet(HTML) 7 Page - Analog Devices

Back Button LT8705 Datasheet HTML 3Page - Analog Devices LT8705 Datasheet HTML 4Page - Analog Devices LT8705 Datasheet HTML 5Page - Analog Devices LT8705 Datasheet HTML 6Page - Analog Devices LT8705 Datasheet HTML 7Page - Analog Devices LT8705 Datasheet HTML 8Page - Analog Devices LT8705 Datasheet HTML 9Page - Analog Devices LT8705 Datasheet HTML 10Page - Analog Devices LT8705 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LT8392
7
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
V(ISP-ISN) Regulation vs VISP
V(ISP-ISN) Regulation vs VISP
V(ISP-ISN) Regulation
vs VFB
TA = 25°C, unless otherwise noted.
FB Regulation vs Temperature
Maximum Current Sense
vs Temperature
FB Short Threshold
PGOOD Thresholds
ISMON Voltage vs V(ISP–ISN)
SS Current vs Temperature
VISP (V)
0
10
20
30
40
50
60
47
48
49
50
51
52
53
8392 G19
ISP = 0V
ISP = 12V
ISP = 60V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
47.0
48.0
49.0
50.0
51.0
52.0
53.0
8392 G20
VFB (V)
0.96 0.97 0.98 0.99 1 1.01 1.02 1.03 1.04
0
10
20
30
40
50
60
8392 G21
VIN = 4V
VIN = 12V
VIN = 60V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0.97
0.98
0.99
1.00
1.01
1.02
1.03
8392 G22
BUCK
BOOST
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
30.0
35.0
40.0
45.0
50.0
55.0
60.0
65.0
70.0
8392 G23
TEMPERATURE (°C)
–50 –25
0.10
0.30
0.35
0.25
0.20
0.15
0.40
125
100
150
0
25
8392 G24
75
50
RISING
FALLING
UPPER RISING
UPPER FALLING
LOWER FALLING
LOWER RISING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–12.0
–8.0
–4.0
0
4.0
8.0
12.0
8392 G25
V(ISP–ISN) (V)
0
10
20
30
40
50
0
0.25
0.50
0.75
1.00
1.25
1.50
8392 G26
TEMPERATURE (°C)
–50 –25
0.0
10.0
12.5
7.5
5.0
2.5
15.0
125
100
150
0
25
8392 G27
75
50
PULL-UP
PULL-DOWN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com