Electronic Components Datasheet Search
  English  ▼

X  

LT8705 Datasheet(PDF) 10 Page - Analog Devices

Part # LT8705
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8705 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT8705 Datasheet HTML 6Page - Analog Devices LT8705 Datasheet HTML 7Page - Analog Devices LT8705 Datasheet HTML 8Page - Analog Devices LT8705 Datasheet HTML 9Page - Analog Devices LT8705 Datasheet HTML 10Page - Analog Devices LT8705 Datasheet HTML 11Page - Analog Devices LT8705 Datasheet HTML 12Page - Analog Devices LT8705 Datasheet HTML 13Page - Analog Devices LT8705 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LT8392
10
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
+
–
+
–
–
+
+
EA2
+
–
+
–
+
–
–
+
+
–
+
–
+
+
–
EA1
+
–
A2=10
A1
A3
5V LDO
2V REF
INTVCC
VREF
RT
SYNC/SPRD
CTRL
0.3V
FBOV
ISOC
FB
OSC
VOS
1.1V
VISP-ISN
0.75V
PEAK_BOOST
LOADON
MODE
VOUT/BST2
VIN/BST1
ISMON
TRIM
SS
GND
ISN
8392 BD
ISP
0.25V
CTRL
1.25V
1V
FB
BST2
TG2
SW2
BG2
BG1
SW1
TG1
BST1
VC
VIS
LOADON
1.25µA
12.5µA
10µA
0.25V
FB
INHIBIT
SWITCH
PGOOD
TEST
VOUT
VREF
EN/UVLO
1.220V
2.5µA
VIN
EXTVCC
LSN
LSP
+
A4
INTVCC
INTVCC
INTVCC
FAULT
LOGIC
SHORT
INTVCC
LOADON
PEAK_BUCK
+
–
+
–
1.1V
0.9V
FB
FB
1X
VIS
BOOST
LOGIC
BUCK
LOGIC
CHARGE
CONTROL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com