Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 11 Page - Analog Devices

Part # LT3757
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 11 Page - Analog Devices

Back Button LT3757 Datasheet HTML 7Page - Analog Devices LT3757 Datasheet HTML 8Page - Analog Devices LT3757 Datasheet HTML 9Page - Analog Devices LT3757 Datasheet HTML 10Page - Analog Devices LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices LT3757 Datasheet HTML 14Page - Analog Devices LT3757 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT8392
11
Rev. 0
For more information www.analog.com
OPERATION
The LT8392 is a current mode DC/DC controller that can
regulate output voltage, input or output current from input
voltage above, below, or equal to the output voltage. The
ADI proprietary peak-buck peak-boost current mode con-
trol scheme uses a single inductor current sense resistor
and provides smooth transition between buck region,
buck-boost region, and boost region. Its operation is best
understood by referring to the Block Diagram.
Power Switch Control
Figure 1 shows a simplified diagram of how the four
power switches A, B, C, and D are connected to the induc-
tor L, the current sense resistor RSENSE, power input VIN,
power output VOUT, and ground. The current sense resis-
tor RSENSE connected to the LSP and LSN pins provides
inductor current information for both peak current mode
control and reverse current detection in buck region,
buck-boost region, and boost region. Figure 2 shows the
current mode control as a function of VIN/VOUT ratio and
Figure 3 shows the operation region as a function of VIN/
VOUT ratio. The power switches are properly controlled
to smoothly transition between modes and regions.
Hysteresis is added to prevent chattering between modes
and regions.
There are a total of four states: (1) peak-buck current
mode control in buck region, (2) peak-buck current mode
control in buck-boost region, (3) peak-boost current
mode control in buck-boost region, and (4) peak-boost
current mode control in boost region. The following sec-
tions give detailed description for each state with wave-
forms, in which the shoot-through protection dead time
between switches A and B, between switches C and D are
ignored for simplification.
Figure 1. Simplified Diagram of the Power Switches
Figure 2. Current Mode vs VIN/VOUT Ratio
Figure 3. Operation Region vs VIN/VOUT Ratio
VOUT
D
A
SW1
SW2
TG2
BG2
8392 F01
TG1
BG1
B
C
L
VIN
RSENSE
PEAK-BUCK
PEAK-BOOST
VIN/VOUT
0.98 1.00 1.02
8392 F02
BUCK
(1)
(2)
(2)
(3)
BOOST
BUCK-BOOST
VIN/VOUT
0.85
0.75
1.00
1.18
1.33
8392 F03
(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com