Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 15 Page - Analog Devices

Part # LT3757
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 15 Page - Analog Devices

Back Button LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices LT3757 Datasheet HTML 14Page - Analog Devices LT3757 Datasheet HTML 15Page - Analog Devices LT3757 Datasheet HTML 16Page - Analog Devices LT3757 Datasheet HTML 17Page - Analog Devices LT3757 Datasheet HTML 18Page - Analog Devices LT3757 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LT8392
15
Rev. 0
For more information www.analog.com
OPERATION
Start-Up and Fault Protection
Figure 8 shows the start-up and fault sequence for the
LT8392. During the POR state, the SS pin is hard pulled
down with a 100Ω to ground. In a pre-biased condition,
the SS pin has to be pulled below 0.2V to enter the INIT
state, where the LT8392 wait 10µs so that the SS pin can
be fully discharged to ground. After the 10µs, the LT8392
enters the UP/PRE state.
During the UP/PRE state, the SS pin is charged up by a
12.5µA pull-up current while the switching is disabled.
Once the SS pin is charged above 0.25V, the LT8392
enters the UP/TRY state. After 10µs in the UP/TRY state,
the LT8392 enters the UP/RUN state.
Figure 8. Start-Up and Fault Sequence
During the UP/RUN state, the switching is enabled and
the start-up of the output voltage VOUT is controlled by
the voltage on the SS pin. When the SS pin voltage is less
than 1V, the LT8392 regulates the FB pin voltage to the SS
pin voltage instead of the 1V reference. This allows the SS
pin to program soft-start by connecting an external capac-
itor from the SS pin to GND. The internal 12.5µA pull-up
current charges up the capacitor, creating a voltage ramp
on the SS pin. As the SS pin voltage rises linearly from
0.25V to 1V (and beyond), the output voltage VOUT rises
smoothly to its final regulation voltage.
Once the SS pin is charged above 1.75V, the LT8392
enters the OK/RUN state, where the output short detection
is activated. The output short means VFB < 0.25V. When
the output short happens, the LT8392 enters the FAULT/
RUN state, where a 1.25µA pull-down current slowly dis-
charges the SS pin with the other conditions the same as
the OK/RUN state. Once the SS pin is discharged below
1.7V, the LT8392 enters the DOWN/STOP state, where
the switching is disabled and the short detection is deac-
tivated with the previous fault latched. Once the SS pin
is discharged below 0.2V, the LT8392 goes back to the
UP/RUN state.
In an output short condition, the LT8392 can be set to
hiccup, latch-off, or keep-running fault protection mode
with a resistor between the SS and VREF pins. Without any
resistor, the LT8392 will hiccup between 0.2V and 1.75V
and go around the UP/RUN, OK/RUN, FAULT/RUN, and
DOWN/STOP states until the fault condition is cleared.
With a 499kΩ resistor, the LT8392 will latch off until the
EN/UVLO is toggled. With a 100kΩ resistor, the LT8392
will keep running regardless of the fault.
POR
• SS hard pull down
• Switching disabled
• No short detection
INIT
• SS hard pull down
• Switching disabled
• No short detection
POR = HI or
ISOC = HI
SS < 0.2V
UP/TRY
• SS 12.5µA pull up
• Switching disabled
• No short detection
UP/PRE
• SS 12.5µA pull up
• Switching disabled
• No short detection
Wait 10µs
SS > 0.25V
UP/RUN
• SS 12.5µA pull up
• Switching enabled
• No short detection
OK/RUN
• SS 12.5µA pull up
• Switching enabled
• Short detection
Wait 10µs
SS > 1.75V
DOWN/STOP
• SS 1.25µA pull down
• Switching disabled
• No short detection
FAULT/RUN
• SS 1.25µA pull down
• Switching enabled
• Short detection
SS < 0.2V and
LOADON = HI
SHORT
SS < 1.7V
8392 F08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com