Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 14 Page - Analog Devices

Part # LT3757
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT3757 Datasheet HTML 10Page - Analog Devices LT3757 Datasheet HTML 11Page - Analog Devices LT3757 Datasheet HTML 12Page - Analog Devices LT3757 Datasheet HTML 13Page - Analog Devices LT3757 Datasheet HTML 14Page - Analog Devices LT3757 Datasheet HTML 15Page - Analog Devices LT3757 Datasheet HTML 16Page - Analog Devices LT3757 Datasheet HTML 17Page - Analog Devices LT3757 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LT8392
14
Rev. 0
For more information www.analog.com
OPERATION
Main Control Loop
The LT8392 is a fixed frequency current mode control-
ler. The inductor current is sensed through the inductor
sense resistor between the LSP and LSN pins. The current
sense voltage is gained up by amplifier A1 and added
to a slope compensation ramp signal from the internal
oscillator. The summing signal is then fed into the positive
terminals of the buck current comparator A3 and boost
current comparator A4. The negative terminals of A3 and
A4 are controlled by the voltage on the VC pin, which is
the diode-OR of error amplifiers EA1 and EA2.
Depending on the state of the peak-buck peak-boost cur-
rent mode control, either the buck logic or the boost logic
is controlling the four power switches so that either the
FB voltage is regulated to 1V or the current sense voltage
between the ISP and ISN pins is regulated by the CTRL
pin during normal operation. The gains of EA1 and EA2
have been balanced to ensure smooth transition between
constant-voltage and constant-current operation with the
same compensation network.
Light Load Current Operation
At light load, the LT8392 runs either at full switching fre-
quency discontinuous conduction mode or pulse-skip-
ping mode, where the switches are held off for multiple
cycles (i.e., skipping pulses) to maintain the regulation
and improve the efficiency.
In the buck region, switch B is turned off whenever the
buck reverse current threshold is triggered during (B+D)
phase. In the boost region, switch D is turned off when-
ever the boost reverse current threshold is triggered
during (A+D) phase. In the buck-boost region, switch D
is turned off whenever the boost reverse current thresh-
old is triggered during (A+D) phase, and both switches B
and D are turned off whenever the buck reverse current
threshold is triggered during (B+D) phase.
Internal Charge Path
Each of the two top MOSFET drivers is biased from its
floating bootstrap capacitor, which is normally re-charged
by INTVCC through both the external and internal boot-
strap diodes when the top MOSFET is turned off. When
the LT8392 operates exclusively in the buck or boost
regions, one of the top MOSFETs is constantly on. An
internal charge path, from VOUT and BST2 to BST1 or from
VIN and BST1 to BST2, charges the bootstrap capacitor to
4.6V so that the top MOSFET can be kept on.
Shutdown and Power-On-Reset
The LT8392 enters shutdown mode and drains less than
2µA quiescent current when the EN/UVLO pin is below
its shutdown threshold (0.3V minimum). Once the EN/
UVLO pin is above its shutdown threshold (1V maximum),
the LT8392 wakes up startup circuitry, generates band-
gap reference, and powers up the internal INTVCC LDO.
The INTVCC LDO supplies the internal control circuitry
and gate drivers. Now the LT8392 enters undervoltage
lockout (UVLO) mode with a hysteresis current (2.5µA
typical) pulled into the EN/UVLO pin. When the INTVCC pin
is charged above its rising UVLO threshold (3.76V typi-
cal), the EN/UVLO pin passes its rising enable threshold
(1.233V typical), and the junction temperature is less than
its thermal shutdown (165°C typical), the LT8392 enters
enable mode, in which the EN/UVLO hysteresis current is
turned off and the voltage reference VREF is being charged
up from ground. From the time of entering enable mode to
the time of VREF passing its rising UVLO threshold (1.89V
typical), the LT8392 is going through a power-on-reset
(POR), waking up the entire internal control circuitry and
settling to the right initial conditions. After the POR, the
LT8392 starts switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com