Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 24 Page - Analog Devices

Part # LT3757
Description  60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3757 Datasheet(HTML) 24 Page - Analog Devices

Back Button LT3757 Datasheet HTML 20Page - Analog Devices LT3757 Datasheet HTML 21Page - Analog Devices LT3757 Datasheet HTML 22Page - Analog Devices LT3757 Datasheet HTML 23Page - Analog Devices LT3757 Datasheet HTML 24Page - Analog Devices LT3757 Datasheet HTML 25Page - Analog Devices LT3757 Datasheet HTML 26Page - Analog Devices LT3757 Datasheet HTML 27Page - Analog Devices LT3757 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LT8392
24
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
recovery current loss in buck region, and switch C
causes reverse recovery current loss in boost region.
When making adjustments to improve efficiency, the
input current is the best indicator of changes in effi-
ciency. If you make a change and the input current
decreases, then the efficiency has increased. If there is
no change in the input current, then there is no change
in efficiency.
PC Board Layout Checklist
The basic PC board layout requires a dedicated ground
plane layer. Also, for high current, a multilayer board pro-
vides heat sinking for power components.
n
The ground plane layer should not have any traces and
it should be as close as possible to the layer with power
MOSFETs.
n
Place CIN, switch A, switch B and DB in one compact
area. Place COUT, switch C, switch D and DD in one
compact area.
n
Use immediate vias to connect the components to the
ground plane. Use several large vias for each power
component.
n
Use planes for VIN and VOUT to maintain good voltage
filtering and to keep power losses low.
n
Flood all unused areas on all layers with copper.
Flooding with copper will reduce the temperature rise
of power components. Connect the copper areas to any
DC net (VIN or GND).
n
Separate the signal and power grounds. All small-sig-
nal components should return to the exposed GND pad
from the bottom, which is then tied to the power GND
close to the sources of switch B and switch C.
n
Place switch A and switch C as close to the controller as
possible, keeping the PGND, BG and SW traces short.
n
Keep the high dV/dT SW1, SW2, BST1, BST2, TG1 and
TG2 nodes away from sensitive small-signal nodes.
n
The path formed by switch A, switch B, DB and the
CIN capacitor should have short leads and PCB trace
lengths. The path formed by switch C, switch D, DD and
the COUT capacitor also should have short leads and
PCB trace lengths.
n
The output capacitor (–) terminals should be connected
as close as possible to the (–) terminals of the input
capacitor.
n
Connect the top driver bootstrap capacitor CBST1
closely to the BST1 and SW1 pins. Connect the top
driver bootstrap capacitor CBST2 closely to the BST2
and SW2 pins.
n
Connect the input capacitors CIN and output capacitors
COUT closely to the power MOSFETs. These capacitors
carry the MOSFET AC current.
n
Route LSP and LSN traces together with minimum
PCB trace spacing. Avoid sense lines pass through
noisy areas, such as switch nodes. The filter capacitor
between LSP and LSN should be as close as possible
to the IC. Ensure accurate current sensing with Kelvin
connections at the RSENSE resistor. Low ESL sense
resistor is recommended.
n
Connect the VC pin compensation network close to
the IC, between VC and the signal ground. The capac-
itor helps to filter the effects of PCB noise and output
voltage ripple voltage from the compensation loop.
n
Connect the INTVCC bypass capacitor, CINTVCC, close to
the IC, between the INTVCC and the power ground. This
capacitor carries the MOSFET drivers’ current peaks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com