Electronic Components Datasheet Search
  English  ▼

X  

MAX397CWI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX397CWI
Description  Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX397CWI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX397CWI Datasheet HTML 2Page - Maxim Integrated Products MAX397CWI Datasheet HTML 3Page - Maxim Integrated Products MAX397CWI Datasheet HTML 4Page - Maxim Integrated Products MAX397CWI Datasheet HTML 5Page - Maxim Integrated Products MAX397CWI Datasheet HTML 6Page - Maxim Integrated Products MAX397CWI Datasheet HTML 7Page - Maxim Integrated Products MAX397CWI Datasheet HTML 8Page - Maxim Integrated Products MAX397CWI Datasheet HTML 9Page - Maxim Integrated Products MAX397CWI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
(TA = +25°C, unless otherwise noted.)
130
50
-5
-3
1
ON-RESISTANCE vs. VCOM
AND TEMPERATURE
(DUAL SUPPLIES)
70
110
-1
3
90
120
60
100
80
5
-4
0
-2
2
4
V+ = 5V
V- = -5V
TA = +125°C
TA = +85°C
TA = +25°C
TA = -55°C
VCOM (V)
300
320
0
2
ON-RESISTANCE vs. VCOM
(SINGLE SUPPLY)
140
220
4
180
260
280
240
120
200
160
5
1
3
V+ = 3V
V- = 0V
V+ = 5V
VCOM (V)
200
0
2
ON-RESISTANCE vs. VCOM
AND TEMPERATURE
(SINGLE SUPPLY)
120
VCOM (V)
4
80
160
180
140
100
60
5
1
3
TA = +25°C
TA = -55°C
TA = +85°C
TA = +125°C
V+ = 5V
V- = 0V
0.01
OFF-LEAKAGE vs.
TEMPERATURE
100
TEMPERATURE (°C)
1
0.1
10
5
2
1
0
5
-
25
-25
0
75
50
100
V+ = 5.5V
V- = -5.5V
ICOM(OFF)
INO(OFF)
0.01
ON-LEAKAGE vs.
TEMPERATURE
100
1000
TEMPERATURE (°C)
1
0.1
10
152
0
5
-
25
-25
0
50
100
75
V+ = 5.5V
V- = -5.5V
ICOM(ON)
CHARGE INJECTION vs. VCOM
-5
5
VCOM (V)
0
5
4
3
2
1
0
-1
-2
-3
-4
-5
V+ = 5V
V- = -5V
V+ = 5V
V- = 0V
110
30
-5
-3
1
ON-RESISTANCE vs. VCOM
(DUAL SUPPLIES)
50
90
VCOM (V)
-1
3
70
100
40
80
60
5
-4
0
-2
2
4
V± = ±5V
V± = ±3V
0.01
SUPPLY CURRENT vs.
TEMPERATURE
1
TEMPERATURE (°C)
0.1
152
100
75
50
25
0
-25
-50
V+ = 5V
V- = -5V
I-
I+
VEN = VA = 0V, 5V
MAX396/MAX397
Precision, 16-Channel/Dual 8-Channel,
Low-Voltage, CMOS Analog Multiplexers
Maxim Integrated │ 6
www.maximintegrated.com
Typical Operating Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com