Electronic Components Datasheet Search
  English  ▼

X  

MAX397CWI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX397CWI
Description  Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX397CWI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX397CWI Datasheet HTML 6Page - Maxim Integrated Products MAX397CWI Datasheet HTML 7Page - Maxim Integrated Products MAX397CWI Datasheet HTML 8Page - Maxim Integrated Products MAX397CWI Datasheet HTML 9Page - Maxim Integrated Products MAX397CWI Datasheet HTML 10Page - Maxim Integrated Products MAX397CWI Datasheet HTML 11Page - Maxim Integrated Products MAX397CWI Datasheet HTML 12Page - Maxim Integrated Products MAX397CWI Datasheet HTML 13Page - Maxim Integrated Products MAX397CWI Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Figure 6. Off-Isolation (VISO)
Figure 8. NO/COM Capacitance
Figure 7. Crosstalk (VCT)
+5V
VOUT
-5V
GND
V+
A2
V-
A0
A3
NO16
COM
NO1
RS = 50Ω
VIN
EN
10nF
RL = 1k
OFF-ISOLATION = 20log
VOUT
VIN
10nF
A1
NOTE: SIMILAR CONNECTION APPLIES FOR MAX397.
MAX396
+5V
-5V
GND
V+
A2
V-
A3
A1
A0
NO16
CHANNEL
SELECT
NO1
COM
EN
IMPEDANCE
ANALYZER
f = 1MHz
METER
NOTE: SIMILAR CONNECTION APPLIES FOR MAX397.
MAX396
+5V
-5V
GND
V+
A2
V-
A0
A3
NO16
COM
NO2
VOUT
EN
10nF
RL = 1k
CROSSTALK = 20log
10nF
A1
NO1
R = 1kΩ
NOTE: SIMILAR CONNECTION APPLIES FOR MAX397.
VOUT
VIN
MAX396
MAX396/MAX397
Precision, 16-Channel/Dual 8-Channel,
Low-Voltage, CMOS Analog Multiplexers
www.maximintegrated.com
Maxim Integrated │ 11
Test Circuits/Timing Diagrams (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com