Electronic Components Datasheet Search
  English  ▼

X  

MAX397CWI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX397CWI
Description  Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX397CWI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX397CWI Datasheet HTML 1Page - Maxim Integrated Products MAX397CWI Datasheet HTML 2Page - Maxim Integrated Products MAX397CWI Datasheet HTML 3Page - Maxim Integrated Products MAX397CWI Datasheet HTML 4Page - Maxim Integrated Products MAX397CWI Datasheet HTML 5Page - Maxim Integrated Products MAX397CWI Datasheet HTML 6Page - Maxim Integrated Products MAX397CWI Datasheet HTML 7Page - Maxim Integrated Products MAX397CWI Datasheet HTML 8Page - Maxim Integrated Products MAX397CWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
(V+ = +5V ±10%, V- = -5V ±10%, GND = 0V, VAH = VENH = 2.4V, VAL = VENL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
(Note 2) MAX
UNITS
DIGITAL LOGIC INPUT
Logic High Input Voltage
VAH, VENH
2.4
V
Logic Low Input Voltage
VAL, VENL
0.8
V
Input Current with
Input Voltage High
IAH, IENH VA = VEN = 2.4V
-0.1
0.1
µA
Input Current with
Input Voltage Low
IAL, IENL VA = VEN = 0.8V
-0.1
0.1
µA
SUPPLY
Power-Supply Range
±3
±8
V
Positive Supply Current
I+
VEN = VA = 0V/V+,
V+ = 5.5V, V- = -5.5V
TA = +25°C
-1
1
µA
Negative Supply Current
I-
VEN = VA = 0V/V+, V+ = 5.5V, V- = -5.5V
-1
1
µA
Ground Current
IGND
VEN = VA = 0V/V+,
V+ = 5.5V, V- = -5.5V
TA = +25°C
-1
1
µA
TA = TMIN to TMAX
-1
1
DYNAMIC
Transition Time
tTRANS Figure 2
TA = +25°C
95
150
ns
TA = TMIN to TMAX
250
Break-Before-Make Interval
tOPEN
Figure 4
TA = +25°C
5
70
ns
Enable Turn-On Time
tON(EN) Figure 3
TA = +25°C
100
150
ns
TA = TMIN to TMAX
250
Enable Turn-Off Time
tOFF(EN) Figure 3
TA = +25°C
55
150
ns
TA = TMIN to TMAX
200
Charge Injection (Note 3)
VCTE
CL = 100pF, VNO = 0V, Figure 5 TA = +25°C
2
5
pC
Off-Isolation (Note 7)
VISO
VEN = 0V, RL = 1kΩ, f = 100kHz TA = +25°C
-75
dB
Crosstalk Between
Channels
VCT
VEN = 2.4V, f = 100kHz,
VNO = 1Vp-p, RL = 1kΩ, Figure 7
TA = +25°C
-92
dB
Logic Input Capacitance
CIN
f = 1MHz
TA = +25°C
8
pF
NO Off-Capacitance
CNO(OFF) f = 1MHz, VEN = VCOM = 0V
TA = +25°C
11
pF
COM Off-Capacitance
CCOM(OFF)
f = 1MHz,
VEN = VCOM = 0V
MAX396
TA = +25°C
80
pF
MAX397
40
COM On-Capacitance
CCOM(ON)
f = 1MHz,
VEN = VCOM = 0V
MAX396
TA = +25°C
90
pF
MAX397
68
MAX396/MAX397
Precision, 16-Channel/Dual 8-Channel,
Low-Voltage, CMOS Analog Multiplexers
www.maximintegrated.com
Maxim Integrated │ 3
Electrical Characteristics —Dual Supplies (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com