Electronic Components Datasheet Search
  English  ▼

X  

MAX397CWI Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX397CWI
Description  Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX397CWI Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX397CWI Datasheet HTML 6Page - Maxim Integrated Products MAX397CWI Datasheet HTML 7Page - Maxim Integrated Products MAX397CWI Datasheet HTML 8Page - Maxim Integrated Products MAX397CWI Datasheet HTML 9Page - Maxim Integrated Products MAX397CWI Datasheet HTML 10Page - Maxim Integrated Products MAX397CWI Datasheet HTML 11Page - Maxim Integrated Products MAX397CWI Datasheet HTML 12Page - Maxim Integrated Products MAX397CWI Datasheet HTML 13Page - Maxim Integrated Products MAX397CWI Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
0.156"
(3.96mm)
0.098"
(2.49mm)
GND
A3 A2 A1 A0
NO8
NO7
NO6
NO5
NO4
NO3
NO2
NO1
EN
N.C.
V+
COM V-
NO16
NO15
NO14
NO13
NO12
NO11
NO10
NO9
TRANSISTOR COUNT: 360
SUBSTRATE CONNECTED TO V+
0.156"
(3.96mm)
0.098"
(2.49mm)
GND N.C. A2 A1 A0
NO8A
NO7A
NO6A
NO5A
NO4A
NO3A
NO2A
NO1A
EN
COMB
V+
COMA V-
NO8B
NO7B
NO6B
NO5B
NO4B
NO3B
NO2B
NO1B
TRANSISTOR COUNT: 360
SUBSTRATE CONNECTED TO V+
MAX396
MAX397
CMOS DECODERS/DRIVERS
COMA
NO1A
NO2A
NO3A
NO4A
NO5A
NO6A
NO7A
NO8A
NO1B
NO2B
NO3B
NO4B
NO5B
NO6B
NO7B
NO8B
MAX397 8-CHANNEL DIFFERENTIAL MULTIPLEXER
A0
A1
A2
EN
V+
V-
GND
COMB
A2
A1
A0
EN
ON
SWITCH
X
0
0
0
0
1
1
1
1
X
0
0
1
1
0
0
1
1
X
0
1
0
1
0
1
0
1
0
1
1
1
1
1
1
1
1
NONE
1
2
3
4
5
6
7
8
LOGIC “O” = VAL ≤ 0.8V, LOGIC “1” = VAH ≥ 2.4V
MAX397
MAX396/MAX397
Precision, 16-Channel/Dual 8-Channel,
Low-Voltage, CMOS Analog Multiplexers
www.maximintegrated.com
Maxim Integrated │ 12
Chip Topographies
Functional Diagrams/Truth Tables (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com