Electronic Components Datasheet Search
  English  ▼

X  

MAX397CWI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX397CWI
Description  Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX397CWI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX397CWI Datasheet HTML 1Page - Maxim Integrated Products MAX397CWI Datasheet HTML 2Page - Maxim Integrated Products MAX397CWI Datasheet HTML 3Page - Maxim Integrated Products MAX397CWI Datasheet HTML 4Page - Maxim Integrated Products MAX397CWI Datasheet HTML 5Page - Maxim Integrated Products MAX397CWI Datasheet HTML 6Page - Maxim Integrated Products MAX397CWI Datasheet HTML 7Page - Maxim Integrated Products MAX397CWI Datasheet HTML 8Page - Maxim Integrated Products MAX397CWI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
(Voltage referenced to GND, unless otherwise noted.)
V+ ..........................................................................-0.3V to +17V
V- ..........................................................................+0.3V to -17V
V+ to V- .................................................................-0.3V to +17V
Voltage into Any Terminal (Note 1)............ (V- - 2V) to (V+ + 2V)
or 30mA (whichever occurs first)
Current into Any Terminal.................................................±30mA
Peak Current into Any Terminal........................................±50mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 14.29mW/°C above +70°C)........1143mW
Wide SO (derate 12.50mW/°C above +70°C)...........1000mW
SSOP (derate 9.52mW/°C above +70°C) ...................762mW
PLCC (derate 10.53mW/°C above +70°C)..................842mW
CERDIP (derate 16.67mW/°C above +70°C)............1333mW
Operating Temperature Ranges
MAX39_C_I ........................................................0°C to +70°C
MAX39_E_I..................................................... -40°C to +85°C
MAX39_MJI .................................................. -55°C to +125°C
Storage Temperature Range............................ -65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
(V+ = +5V ±10%, V- = -5V ±10%, GND = 0V, VAH = VENH = 2.4V, VAL = VENL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
(Note 2) MAX
UNITS
SWITCH
Analog Signal Range
VCOM, VNO (Note 3)
V-
V+
V
Channel On-Resistance
RON
INO = 1mA, VCOM = ±3.5V
TA = +25°C
60
100
Ω
TA = TMIN to TMAX
125
On-Resistance Matching
Between Channels (Note 4)
ΔRON
INO = 1mA, VCOM = ±3.5V,
V+ = 5V, V- = -5V
TA = +25°C
1.8
6
Ω
TA = TMIN to TMAX
8
On-Resistance Flatness
(Note 5)
RFLAT(ON)
INO = 1mA, VCOM = ±3V,
V+ = 5V, V- = -5V
TA = +25°C
5
10
Ω
TA = TMIN to TMAX
13
NO Off-Leakage Current
(Note 6)
INO(OFF)
VNO = ±4.5V, VCOM = 4.5V,
V+ = 5.5V, V- = -5.5V
TA = +25°C
-0.1
0.03
0.1
nA
TA = TMIN
to TMAX
C, E
-1.0
1.0
M
-10
10
COM Off-Leakage Current
(Note 6)
ICOM(OFF)
VCOM = ±4.5V,
VNO = 4.5V,
V+ = 5.5V, V- = -5.5V
MAX396
TA = +25°C
-0.2
0.05
0.2
nA
TA = TMIN
to TMAX
C, E
-2.5
2.5
M
-40
40
VCOM = ±4.5V,
VNO = 4.5V,
V+ = 5.5V, V- = -5.5V
MAX397
TA = +25°C
-0.1
0.03
0.1
TA = TMIN
to TMAX
C, E
-2.5
2.5
M
-20
20
COM On-Leakage Current
(Note 6)
ICOM(ON)
VCOM = ±4.5V,
VNO = 4.5V,
MAX396
TA = +25°C
-0.4
0.09
0.4
nA
TA = TMIN
to TMAX
C, E
-5
5
M
-60
60
MAX397
TA = +25°C
-0.2
0.05
0.2
TA = TMIN
to TMAX
C, E
-2.5
2.5
M
-30
30
MAX396/MAX397
Precision, 16-Channel/Dual 8-Channel,
Low-Voltage, CMOS Analog Multiplexers
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics—Dual Supplies
Note 1: Signals on any terminal exceeding V+ or V- are clamped by internal diodes. Limit forward current to maximum current rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com