Electronic Components Datasheet Search
  English  ▼

X  

MAX397C/D Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX397C/D
Description  Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX397C/D Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX397C/D Datasheet HTML 3Page - Maxim Integrated Products MAX397C/D Datasheet HTML 4Page - Maxim Integrated Products MAX397C/D Datasheet HTML 5Page - Maxim Integrated Products MAX397C/D Datasheet HTML 6Page - Maxim Integrated Products MAX397C/D Datasheet HTML 7Page - Maxim Integrated Products MAX397C/D Datasheet HTML 8Page - Maxim Integrated Products MAX397C/D Datasheet HTML 9Page - Maxim Integrated Products MAX397C/D Datasheet HTML 10Page - Maxim Integrated Products MAX397C/D Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
*Analog signal inputs and outputs are names of convenience only; they are identical and interchangeable.
PIN
NAME
FUNCTION
MAX396
MAX397
1
1
V+
Positive Supply-Voltage Input
2, 3, 13
—
N.C.
No Internal Connection
—
2
COMB
Analog Signal B Output* (bidirectional)
—
3, 13, 14
N.C.
No Internal Connection
4–11
—
NO16–NO9
Analog Signal Inputs* (bidirectional)
—
4–11
NO8B–NO1B
Analog Signal B Inputs* (bidirectional)
12
12
GND
Logic Ground
14–17
—
A3–A0
Logic Address Inputs
—
15, 16, 17
A2, A1, A0
Logic Address Inputs
18
18
EN
Logic Enable Input
19–26
—
NO1–NO8
Analog Signal Inputs* (bidirectional)
—
19–26
NO1A–NO8A
Analog Signal A Inputs* (bidirectional)
27
27
V-
Negative Supply-Voltage Input
28
—
COM
Analog Signal Output* (bidirectional)
—
28
COMA
Analog Signal A Output* (bidirectional)
12 13 14 15 16 17 18
1
2
3
4
26
27
28
19
20
21
22
23
24
25
NO1
NO2
NO3
NO4
NO5
NO6
NO7
NO9
NO10
NO11
NO12
NO13
NO14
NO15
5
6
7
8
9
10
11
N.C. = NO INTERNAL CONNECTION
PLCC
MAX396
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
V+
2
3
4
5
6
7
8
9
10
11
12
13
14
COM
V-
NO8
NO7
NO6
NO5
A2
NO4
NO3
NO2
NO1
EN
A0
A1
A3
N.C.
GND
NO9
NO10
NO11
N.C. = NO INTERNAL CONNECTION
NO12
NO13
NO14
NO15
NO16
N.C.
N.C.
DIP/SO
TOP VIEW
MAX396
12 13 14 15 16 17 18
1
2
3
4
N.C. = NO INTERNAL CONNECTION
26
27
28
19
20
21
22
23
24
25
NO1A
NO2A
NO3A
NO4A
NO5A
NO6A
NO7A
NO1B
NO2B
NO3B
NO4B
NO5B
NO6B
NO7B
5
6
7
8
9
10
11
PLCC
MAX397
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
V+
2
3
4
5
6
7
8
9
10
11
12
13
14
COMA
V-
NO8A
NO7A
NO6A
NO5A
A2
NO4A
NO3A
NO2A
NO1A
EN
A0
A1
N.C.
N.C.
GND
NO1B
NO2B
NO3B
NO4B
NO5B
NO6B
NO7B
NO8B
N.C.
COMB.
DIP/SO
TOP VIEW
MAX397
Pin Configurations
MAX396/MAX397
Precision, 16-Channel/Dual 8-Channel,
Low-Voltage, CMOS Analog Multiplexers
www.maximintegrated.com
Maxim Integrated │ 7
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com