Electronic Components Datasheet Search
  English  ▼

X  

MAX397C/D Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX397C/D
Description  Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX397C/D Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX397C/D Datasheet HTML 1Page - Maxim Integrated Products MAX397C/D Datasheet HTML 2Page - Maxim Integrated Products MAX397C/D Datasheet HTML 3Page - Maxim Integrated Products MAX397C/D Datasheet HTML 4Page - Maxim Integrated Products MAX397C/D Datasheet HTML 5Page - Maxim Integrated Products MAX397C/D Datasheet HTML 6Page - Maxim Integrated Products MAX397C/D Datasheet HTML 7Page - Maxim Integrated Products MAX397C/D Datasheet HTML 8Page - Maxim Integrated Products MAX397C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
(V+ = +5V ±10%, V- = 0V, GND = 0V, VAH = VENH = 2.4V, VAL = VENL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
(Note 2) MAX
UNITS
SWITCH
Analog Signal Range
VCOM, VNO (Note 3)
V-
V+
V
On-Resistance
RON
INO = 1mA, VCOM = 3.5V,
V+ = 4.5V
TA = +25°C
120
225
Ω
TA = TMIN to TMAX
280
On-Resistance Matching
Between Channels (Note 4)
ΔRON
INO = 1mA, VCOM = 3.5V,
V+ = 4.5V
TA = +25°C
2
10
Ω
TA = TMIN to TMAX
12
On-Resistance Flatness
RFLAT
INO = 1mA, VCOM = 3V, 2V, 1V;
V+ = 5V
TA = +25°C
5
16
Ω
TA = TMIN to TMAX
20
NO Off-Leakage Current
(Note 8)
INO(OFF)
VNO = 4.5V, VCOM = 0V,
V+ = 5.5V
TA = +25°C
-0.1
0.03
0.1
nA
TA = TMIN
to TMAX
C, E
-1.0
1.0
M
-10
10
COM Off-Leakage Current
(Note 8)
ICOM(OFF)
VCOM = 4.5V,
VNO = 0V,
V+ = 5.5V
MAX396
TA = +25°C
-0.2
0.05
0.2
nA
TA = TMIN
to TMAX
C, E
-2.5
2.5
M
-40
40
VCOM = 4.5V,
VNO = 0V,
V+ = 5.5V
MAX397
TA = +25°C
-0.2
0.02
0.2
TA = TMIN
to TMAX
C, E
-2.5
2.5
M
-20
20
COM On-Leakage Current
(Note 6)
ICOM(ON)
VCOM = 4.5V,
VNO = 4.5V,
V+ = 5.5V
MAX396
TA = +25°C
-0.4
0.09
0.4
nA
TA = TMIN
to TMAX
C, E
-5
5
M
-60
60
MAX397
TA = +25°C
-0.2
0.04
0.2
TA = TMIN
to TMAX
C, E
-2.5
2.5
M
-30
30
DIGITAL LOGIC INPUT
Logic High Input Voltage
VAH, VENH
2.4
V
Logic Low Input Voltage
VAL, VENL
0.8
V
Input Current with
Input Voltage High
IAH, IENH VA = VEN = 2.4V
-0.1
0.001
0.1
µA
Input Current with
Input Voltage Low
IAL, IENL VA =0V, VEN = 0.8V
-0.1
0.001
0.1
µA
SUPPLY
Power-Supply Range
2.7
15
V
Positive Supply Current
I+
VEN = VA = 0V, V+; V+ = 5.5V; V- = 0V
-1.0
0.06
1.0
µA
Negative Supply Current
I-
VEN = VA = 0V, V+; V+ = 5.5V; V- = 0V
-1.0
0.08
1.0
µA
Ground Current
IGND
VEN = V+, 0V; VA = 0V;
V+ = 5.5V; V- = 0V
TA = +25°C
-1.0
0.08
1.0
µA
TA = TMIN to TMAX -1.0
1.0
MAX396/MAX397
Precision, 16-Channel/Dual 8-Channel,
Low-Voltage, CMOS Analog Multiplexers
www.maximintegrated.com
Maxim Integrated │ 4
Electrical Characteristics—Single +5V Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com