Electronic Components Datasheet Search
  English  ▼

X  

MAX397C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX397C/D
Description  Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX397C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX397C/D Datasheet HTML 4Page - Maxim Integrated Products MAX397C/D Datasheet HTML 5Page - Maxim Integrated Products MAX397C/D Datasheet HTML 6Page - Maxim Integrated Products MAX397C/D Datasheet HTML 7Page - Maxim Integrated Products MAX397C/D Datasheet HTML 8Page - Maxim Integrated Products MAX397C/D Datasheet HTML 9Page - Maxim Integrated Products MAX397C/D Datasheet HTML 10Page - Maxim Integrated Products MAX397C/D Datasheet HTML 11Page - Maxim Integrated Products MAX397C/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Applications Information
Operation with Supply Voltages
Other than ±5V
Using supply voltages less than ±5V reduces the analog
signal range. The MAX396/MAX397 multiplexers (muxes)
operate with ±3V to ±8V bipolar supplies or with a +3V to
+15V single supply. Connect V- to GND when operating with
a single supply. Both devices can also operate with unbalanced
supplies, such as +10V and -5V. The Typical Operating
Characteristics graphs show typical on-resistance with ±3V,
±5V, +3V, and +5V supplies.
These muxes operate with a single supply as low as
1V, although on-resistance and switching times become
extremely high. Performance is not guaranteed below
2.7V. This is useful information only because it assures
proper switch state while power supplies ramp up or
down slowly.
Overvoltage Protection
Proper power-supply sequencing is recommended for all
CMOS devices. Do not exceed the absolute maximum rat-
ings, because stresses beyond the listed ratings can cause
permanent damage to the devices. Always sequence V+
on first, then V-, followed by the logic inputs, NO, or COM.
If power-supply sequencing is not possible, add two small-
signal diodes (D1, D2) in series with supply pins for over-
voltage protection (Figure 1). Adding diodes reduces the
analog-signal range to one diode drop below V+ and one
diode drop above V-, but does not affect the devices’ low
switch resistance and low leakage characteristics. Device
operation is unchanged, and the difference between V+
and V- should not exceed 17V. These protection diodes are
not recommended when using a single supply.
Figure 1. Overvoltage Protection Using External Blocking Diodes
COM
V-
V+
NO
*INTERNAL PROTECTION DIODES
D2
D1
-5V
+5V
*
*
*
*
MAX396
MAX397
MAX396/MAX397
Precision, 16-Channel/Dual 8-Channel,
Low-Voltage, CMOS Analog Multiplexers
www.maximintegrated.com
Maxim Integrated │ 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com