Electronic Components Datasheet Search
  English  ▼

X  

MAX397C/D Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX397C/D
Description  Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX397C/D Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX397C/D Datasheet HTML 6Page - Maxim Integrated Products MAX397C/D Datasheet HTML 7Page - Maxim Integrated Products MAX397C/D Datasheet HTML 8Page - Maxim Integrated Products MAX397C/D Datasheet HTML 9Page - Maxim Integrated Products MAX397C/D Datasheet HTML 10Page - Maxim Integrated Products MAX397C/D Datasheet HTML 11Page - Maxim Integrated Products MAX397C/D Datasheet HTML 12Page - Maxim Integrated Products MAX397C/D Datasheet HTML 13Page - Maxim Integrated Products MAX397C/D Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
*Contact factory for dice specifications.
**Contact factory for package availability.
PART
TEMP. RANGE
PIN-PACKAGE
MAX396CPI
0°C to +70°C
28 Plastic DIP
MAX396CWI
0°C to +70°C
28 Wide SO
MAX396CAI
0°C to +70°C
28 SSOP
MAX396CQI
0°C to +70°C
28 PLCC**
MAX396C/D
0°C to +70°C
Dice*
MAX396EPI
-40°C to +85°C
28 Plastic DIP
MAX396EWI
-40°C to +85°C
28 Wide SO
MAX396EQI
-40°C to +85°C
28 PLCC**
MAX396MJI
-55°C to +125°C
28 CERDIP**
MAX397CPI
0°C to +70°C
28 Plastic DIP
MAX397CWI
0°C to +70°C
28 Wide SO
MAX397CAI
0°C to +70°C
28 SSOP
MAX397CQI
0°C to +70°C
28 PLCC**
MAX397C/D
0°C to +70°C
Dice*
MAX397EPI
-40°C to +85°C
28 Plastic DIP
MAX397EWI
-40°C to +85°C
28 Wide SO
MAX397EQI
-40°C to +85°C
28 PLCC**
MAX397MJI
-55°C to +125°C
28 CERDIP**
MAX396/MAX397
Precision, 16-Channel/Dual 8-Channel,
Low-Voltage, CMOS Analog Multiplexers
www.maximintegrated.com
Maxim Integrated │ 13
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com