Electronic Components Datasheet Search
  English  ▼

X  

MAX397C/D Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX397C/D
Description  Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX397C/D Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX397C/D Datasheet HTML 1Page - Maxim Integrated Products MAX397C/D Datasheet HTML 2Page - Maxim Integrated Products MAX397C/D Datasheet HTML 3Page - Maxim Integrated Products MAX397C/D Datasheet HTML 4Page - Maxim Integrated Products MAX397C/D Datasheet HTML 5Page - Maxim Integrated Products MAX397C/D Datasheet HTML 6Page - Maxim Integrated Products MAX397C/D Datasheet HTML 7Page - Maxim Integrated Products MAX397C/D Datasheet HTML 8Page - Maxim Integrated Products MAX397C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
General Description
The MAX396/MAX397 low-voltage, CMOS analog
multiplexers (muxes) offer low on-resistance (100Ω max),
which is matched to within 6Ω between switches and
remains flat over the specified signal range (10Ω max).
They also offer low leakage over temperature (input
off-leakage current less than 1nA at +85°C) and fast
switching speeds (transition time less than 250ns). The
MAX396 is a 16-channel device, and the MAX397 is a
dual, 8-channel device.
The MAX396/MAX397 are fabricated with Maxim’s low-
voltage silicon-gate process. Design improvements yield
extremely low charge injection (5pC max) and guarantee
electrostatic-discharge (ESD) protection greater than
2000V per Method 3015.7
These muxes operate with a single +2.7V to +16V supply
or with ±2.7V to ±8V dual supplies, while retaining CMOS-
logic input compatibility and fast switching. The MAX396/
MAX397 are pin compatible with the industry standard
MAX306/MAX307, DG406/DG407, and DG506A/DG507A.
Benefits and Features
● Pin-Compatible with MAX306/MAX307,
DG406/DG407, DG506A/DG507A
● Single-Supply Operation (+2.7V to +16V)
Dual-Supply Operation (±2.7V to ±8V)
● Low On-Resistance (100Ω max)
● Guaranteed RON Match Between Channels (6Ω max)
● Guaranteed RON Flatness over Specified Signal Range
(10Ω max)
● Guaranteed Low Charge Injection (5pC max)
● Input Off-Leakage Current < 1nA at +85°C
● Output Off-Leakage Current < 2.5nA at +85°C
● Low Power Consumption < 10μW
● TTL/CMOS Compatible
19-0404; Rev. 2; 1/16
● Automatic Test Equipment
● Communications Systems
● Audio Signal Routing
● Industrial Process Control
● Sample-and-Hold Circuits
● Avionics
● Battery-Operated Equipment
● Low-Voltage Data Acquisition
Systems
Applications
CMOS DECODERS/DRIVERS
COM
NO1
NO2
NO3
NO4
NO5
NO6
NO7
NO8
NO9
NO10
NO11
NO12
NO13
NO14
NO15
NO16
A0
MAX396 16-CHANNEL SINGLE-ENDED MULTIPLEXER
A1
A2
A3
EN
V+
V-
GND
A3
A1
A0
EN
ON
SWITCH
X
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
A2
X
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
X
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
X
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
NONE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
LOGIC “O” = VAL ≤ 0.8V, LOGIC “1” = VAH ≥ 2.4V
MAX396
Continued at end of data sheet.
MAX396/MAX397
Precision, 16-Channel/Dual 8-Channel,
Low-Voltage, CMOS Analog Multiplexers
Functional Diagrams/Truth Tables


Similar Part No. - MAX397C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX397C/D MAXIM-MAX397C/D Datasheet
120Kb / 12P
Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 1; 9/96
More results

Similar Description - MAX397C/D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX306 MAXIM-MAX306 Datasheet
148Kb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX396 MAXIM-MAX396 Datasheet
120Kb / 12P
Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 1; 9/96
MAX398 MAXIM-MAX398 Datasheet
101Kb / 12P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 2; 7/96
MAX306 MAXIM-MAX306_10 Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
22-Mar-10
logo
Maxim Integrated Produc...
MAX306CPI MAXIM-MAX306CPI Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX307EUI MAXIM-MAX307EUI Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX306 MAXIM-MAX306_V01 Datasheet
1Mb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
19-0270; Rev 5; 3/16
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
logo
Vishay Siliconix
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
16-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com