Electronic Components Datasheet Search
  English  ▼

X  

PI6C410 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI6C410
Description  Clock Generator for Intel PCI-Express Desktop Chipset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C410 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C410 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
PS8734A
09/02/04
PI6C410
Clock Generator for Intel
PCI-Express Desktop Chipset
Serial Data Interface (SMBus)
PI6C410 is a slave only SMBus device that supports indexed block read and indexed block write protocol using a single 7-bit ad-
dress and read/write bit as shown below.
Address Assignment
A6
A5
A4
A3
A2
A1
A0
R/W
1
1
0
1
0
0
1
1/0
Data Protocol
1 bit
7 bits
1
1
8 bits
1
8 bits
1
8 bits
1
8 bits
1
1 bit
Start
bit
Slave Addr
R/W
Ack
Register
offset
Ack
Byte
Count
= N
Ack
Data
Byte 0
Ack
…
Data
Byte N
- 1
Ack Stop
bit
Notes:
1. Register offset for indicating the starting register for indexed block write and indexed block read. Byte Count in write mode cannot be 0.
Data Byte 0: Control Register
Bit
Descriptions
Type
Power Up
Condition
Output(s) Affected
Pin
Source Pin
0
Reserved
RW
1
SRC_1 Output Enable
1 = Enabled, 0 = Disabled (Hi-Z)
RW
1 = Enabled
SRC_1
19, 20
NA
2
SRC_2 Output Enable
1 = Enabled, 0 = Disabled (Hi-Z)
RW
1 = Enabled
SRC_2
22, 23
NA
3
SRC_3 Output Enable
1 = Enabled, 0 = Disabled (Hi-Z)
RW
1 = Enabled
SRC_3
24, 25
NA
4
SRC_4 Output Enable
1 = Enabled, 0 = Disabled (Hi-Z)
RW
1 = Enabled
SRC_4
26, 27
NA
5
SRC_5 Output Enable
1 = Enabled, 0 = Disabled (Hi-Z)
RW
1 = Enabled
SRC_5
30, 31
NA
6
SRC_6 Output Enable
1 = Enabled, 0 = Disabled (Hi-Z)
RW
1 = Enabled
SRC_6
32, 33
NA
7
CPU_2 / SRC_7 Output Enable
1 = Enabled, 0 = Disabled (Hi-Z)
RW
1 = Enabled
CPU_2 / SRC_7
35, 36
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com