Electronic Components Datasheet Search
  English  ▼

X  

PI6C410 Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI6C410
Description  Clock Generator for Intel PCI-Express Desktop Chipset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C410 Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

Back Button PI6C410 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 9Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 10Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 11Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 12Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
PS8734A
09/02/04
PI6C410
Clock Generator for Intel
PCI-Express Desktop Chipset
Data Byte 6: Control Register
Bit
Descriptions
Type
Power Up Con-
dition
Output(s) Affected
Pin
Source Pin
0
FS_A Reflects the value of the
FS_A pin sampled on power up
0 = FS_A was low during
Vtt_Pwrgd# assertion
R
Externally
Selected
CPU[0:2]
35, 36, 40, 41,
43, 44
NA
1
FS_B Reflects the value of the
FS_B pin sampled on power up
0 = FS_B was low during
Vtt_Pwrgd# assertion
R
Externally
Selected
CPU[0:2]
35, 36, 40, 41,
43, 44
NA
2
FS_C Reflects the value of the
FS_C pin sampled on power up
0 = FS_C was low during
Vtt_Pwrgd# assertion
R
Externally
Selected
CPU[0:2]
35, 36, 40, 41,
43, 44
NA
3
PCI_Stop Output Control
0 = Enabled, all stoppable PCI
and SRC clocks are stopped
1 = Disabled
RW
1 = Disabled
All PCI & SRC
clocks except PCIF
and SRC clocks set to
free-running
3, 4, 5, 8, 9, 10,
19, 20, 22, 23,
24, 25, 26, 27,
30, 31, 32, 33,
35, 36
NA
4
REF Output Drive Strength
0 = 1x, 1 =2x
RW
1 = 2X
REF
52
NA
5
Reserved
RW
6
Test Clock Mode Entry Control
0 = Disabled, 1 = REF/N or Hi-Z
RW
0 = Disabled
7
Test Clock Mode
0 = Hi-Z, 1 = REF/N
RW
0 = Hi-Z
CPU[0:2],
SRC[1:7],
PCI[0:5],
PCIF[0:2], REF,
USB_48, DOT_96
3, 4, 5, 8, 9, 10,
12, 14, 15, 19,
20, 22, 23, 24,
25, 26, 27, 30,
31, 32, 33, 35,
36, 40, 41, 43,
44, 52, 54, 55,
56
NA
Data Byte 7: Pericom ID Register
Bit
Descriptions
Type
Power Up Condition
Output(s) Affected
Pin
0
Vendor ID
R
0
NA
NA
1
R
0
NA
NA
2
R
0
NA
NA
3
R
0
NA
NA
4
Revision Code
R
1
NA
NA
5
R
0
NA
NA
6
R
1
NA
NA
7
R
0
NA
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com