Electronic Components Datasheet Search
  English  ▼

X  

PI6C410 Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI6C410
Description  Clock Generator for Intel PCI-Express Desktop Chipset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C410 Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI6C410 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
PS8734A
09/02/04
PI6C410
Clock Generator for Intel
PCI-Express Desktop Chipset
Pin Description
Pin Name
Type
Pin No
Descriptions
REF
Output
52
3.3V 14.31818MHz output
XTAL_IN
Input
50
14.31818MHz crystal input
XTAL_OUT
Output
49
14.31818MHz crystal output
CPU[0:1] & CPU[0:1]#
Output
40, 41, 43, 44
Differential CPU outputs
SRC[1:6] & SRC[1:6]#
Output
19, 20, 22, 23,
24, 25, 26, 27,
30, 31, 32, 33
Differential Serial Reference Clock outputs
CPU2_ITP / SRC_7 &
CPU2_ITP# / SRC_7#
Output
35, 36
Selectable Differential CPU or SRC clock output
ITP_EN = 0 @ Vtt_Pwrgd# assertion = SRC
ITP_EN = 1 @ Vtt_Pwrgd# assertion = CPU
PCIF_0 / ITP_EN
Input / Output
8
33MHz clock output / CPU2 select when HIGH
PCIF[1:2]
Output
9, 10
33MHz clocks outputs (free running)
PCI[0:5]
Output
3, 4, 5, 54, 55,
56
33MHz clocks outputs
USB_48
Output
12
48MHz clock output
DOT_96 & DOT_96#
Output
14, 15
96MHz differential clock output
FS_A
Input
18
3.3V LVTTL inputs for CPU frequency selection
FS_B / TEST_MODE
Input
16
3.3V LVTTL inputs for CPU frequency selection / Test Mode
select: 0 = HiZ, 1 = Ref/N
FS_C / TEST_SEL
Input
53
3.3V LVTTL inputs for CPU frequency selection / Test Mode
select if pulled to 3.3V when Vtt_Pwrgd# is asserted LOW
IREF
Input
39
External resistor connection for internal current reference
VTT_PWRGD# /
PWRDWN
Input
17
3.3V LVTTL Level sensitive strobe used to determine to latch
the FS_A, FS_B/TEST_MODE, FS_C/TEST_SEL and PCIF0/
ITP_EN inputs (active low) / 3.3V LVTTL active high input for
Power Down operation.
SDA
I/O
47
SMBus compatible SDATA
SCL
Input
46
SMBus compatible SCLOCK
VDD_PCI
Power
1, 7
3.3V Power Supply for Outputs
VDD_48
Power
11
3.3V Power Supply for Outputs
VDD_SRC
Power
21, 28, 34
3.3V Power Supply for Outputs
VDD_CPU
Power
42
3.3V Power Supply for Outputs
VDD_REF
Power
48
3.3V Power Supply for Outputs
VSS_PCI
Ground
2, 6
Ground for Outputs
VSS_48
Ground
13
Ground for Outputs
VSS_SRC
Ground
29
Ground for Outputs
VSS_CPU
Ground
45
Ground for Outputs
VSS_REF
Ground
51
Ground for Outputs
VDD_A
Power
37
3.3V Power Supply for PLL
VSS_A
Ground
38
Ground for PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com