Electronic Components Datasheet Search
  English  ▼

X  

PI6C410 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PI6C410
Description  Clock Generator for Intel PCI-Express Desktop Chipset
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C410 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PI6C410 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C410 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
PS8734A
09/02/04
PI6C410
Clock Generator for Intel
PCI-Express Desktop Chipset
Data Byte 1: Control Register
Bit
Descriptions
Type
Power Up
Condition
Output(s) Affected
Pin
Source Pin
0
Spread Spectrum
1 = On, 0 = Off
RW
0 = Spread off
CPU[0:2], SRC[1:7],
PCI[0:5], PCIF[0:2]
3, 4, 5, 8, 9, 10,
19, 20, 22, 23,
24, 25, 26, 27,
30, 31, 32, 33,
35, 36, 40, 41,
43, 44, 54, 55,
56
NA
1
CPU_0 output enable
1 = Enabled, 0 = Disabled (Hi-Z)
RW
1 = Enabled
CPU_0, CPU_0#
43, 44
NA
2
CPU_1 output enable
1 = Enabled, 0 = Disabled (Hi-Z)
RW
1 = Enabled
CPU_1, CPU_1#
40, 41
NA
3
Reserved
RW
4
REF Output Enable
1 = Enabled, 0 = Disabled
RW
1 = Enabled
REF
52
NA
5
USB_48 Output Enable
1 = Enabled, 0 = Disabled
RW
1 = Enabled
USB_48
12
NA
6
DOT_96 Output Enable
1 = Enabled, 0 = Disabled (Hi-Z)
RW
1 = Enabled
DOT_96 & DOT96#
14, 15
NA
7
PCIF_0 Output Enable
1 = Enabled, 0 = Disabled
RW
1 = Enabled
PCIF_0
8
NA
Data Byte 2: Control Register
Bit
Descriptions
Type
Power Up
Condition
Output(s) Affected
Pin
Source Pin
0
PCIF_1 Output Enable
1 = Enabled, 0 = Disabled
RW
1 = Enabled
PCIF_1
9
NA
1
PCIF_2 Output Enable
1 = Enabled, 0 = Disabled
RW
1 = Enabled
PCIF_2
10
NA
2
PCI_0 Output Enable
1 = Enabled, 0 = Disabled
RW
1 = Enabled
PCI_0
54
NA
3
PCI_1 Output Enable
1 = Enabled, 0 = Disabled
RW
1 = Enabled
PCI_1
55
NA
4
PCI _2 Output Enable
1 = Enabled, 0 = Disabled
RW
1 = Enabled
PCI_2
56
NA
5
PCI _3 Output Enable
1 = Enabled, 0 = Disabled
RW
1 = Enabled
PCI_3
3
NA
6
PCI _4 Output Enable
1 = Enabled, 0 = Disabled
RW
1 = Enabled
PCI_4
4
NA
7
PCI _5 Output Enable
1 = Enabled, 0 = Disabled
RW
1 = Enabled
PCI_5
5
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com