Electronic Components Datasheet Search
  English  ▼

X  

MDEV-900-PRC Datasheet(PDF) 9 Page - Linx Technologies

Part # MDEV-900-PRC
Description  HumPRC 900MHz Long-Range Handheld Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-900-PRC Datasheet(HTML) 9 Page - Linx Technologies

Back Button MDEV-900-PRC Datasheet HTML 5Page - Linx Technologies MDEV-900-PRC Datasheet HTML 6Page - Linx Technologies MDEV-900-PRC Datasheet HTML 7Page - Linx Technologies MDEV-900-PRC Datasheet HTML 8Page - Linx Technologies MDEV-900-PRC Datasheet HTML 9Page - Linx Technologies MDEV-900-PRC Datasheet HTML 10Page - Linx Technologies MDEV-900-PRC Datasheet HTML 11Page - Linx Technologies MDEV-900-PRC Datasheet HTML 12Page - Linx Technologies MDEV-900-PRC Datasheet HTML 13Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
–
–
5
Contention Considerations
It is important to understand that even though the transmitter uses a
frequency hopping protocol, it is still possible for interference to interrupt
the transmissions. While the transmitted signal consists of encoded digital
data, only one carrier of any particular frequency can occupy airspace
without contention at any given time. If two transmitters are activated
in the same area at the same time and on the same frequency, then the
signals will interfere with each other and the receiver will not see a valid
transmission, so it will not take any action.
Battery Replacement
The remote unit utilizes a CR2032 lithium button cell. In
normal use with five 2-second activations per day, the
battery provides over two years of operation. To replace
the battery, remove the access cover by pressing firmly
on the label area and sliding it off. Once the unit is open,
remove the battery by sliding it from beneath the holder.
Replace it with the same type of battery while observing
the polarity shown in Figure 7.
There may be the risk of explosion if the battery is
replaced by the wrong type.
Battery access
Figure 7: Battery Access
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com