Electronic Components Datasheet Search
  English  ▼

X  

MDEV-900-PRC Datasheet(PDF) 13 Page - Linx Technologies

Part # MDEV-900-PRC
Description  HumPRC 900MHz Long-Range Handheld Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-900-PRC Datasheet(HTML) 13 Page - Linx Technologies

Back Button MDEV-900-PRC Datasheet HTML 8Page - Linx Technologies MDEV-900-PRC Datasheet HTML 9Page - Linx Technologies MDEV-900-PRC Datasheet HTML 10Page - Linx Technologies MDEV-900-PRC Datasheet HTML 11Page - Linx Technologies MDEV-900-PRC Datasheet HTML 12Page - Linx Technologies MDEV-900-PRC Datasheet HTML 13Page - Linx Technologies MDEV-900-PRC Datasheet HTML 14Page - Linx Technologies MDEV-900-PRC Datasheet HTML 15Page - Linx Technologies MDEV-900-PRC Datasheet HTML 16Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
–
–
9
GND
VCC
GND
GND
GND
GND
GND
GND
GND
GND
GND
S4
S5
S6
S7
VCC
GND
VCC VCC
GND
VCC
GND
GND
17
GND
18
S6
2
S7
1
MODE_IND
30
ACK_OUT
31
GND
32
S5
3
S4
4
ANT
19
GND
20
GND
16
GND
15
GND
14
GND
Figure 10: HumPRCTM Series as a Receiver Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com