Electronic Components Datasheet Search
  English  ▼

X  

MDEV-900-PRC Datasheet(PDF) 12 Page - Linx Technologies

Part # MDEV-900-PRC
Description  HumPRC 900MHz Long-Range Handheld Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-900-PRC Datasheet(HTML) 12 Page - Linx Technologies

Back Button MDEV-900-PRC Datasheet HTML 8Page - Linx Technologies MDEV-900-PRC Datasheet HTML 9Page - Linx Technologies MDEV-900-PRC Datasheet HTML 10Page - Linx Technologies MDEV-900-PRC Datasheet HTML 11Page - Linx Technologies MDEV-900-PRC Datasheet HTML 12Page - Linx Technologies MDEV-900-PRC Datasheet HTML 13Page - Linx Technologies MDEV-900-PRC Datasheet HTML 14Page - Linx Technologies MDEV-900-PRC Datasheet HTML 15Page - Linx Technologies MDEV-900-PRC Datasheet HTML 16Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
–
–
8
Typical Applications
The signal sent by the PRC Long-Range Handheld
Transmitter can be received by a HumPRCTM
Series transceiver. When a button is pressed
on the transmitter, a corresponding line on the
transceiver goes high. This is then connected to
external circuitry to perform whatever function is
required by the application.
The transmitter and transceiver must first learn
each other's addresses. This is done by taking
the PAIR line high on the transceiver, typically
with a pushbutton switch. At the same time, the PAIR button is pressed
on the back of the transmitter, typically with a paper clip or similar probe.
The MODE_IND line on the transceiver and the LED on the back of the
transmitter begin flashing, indicating that the Pair Process has been
started. The devices automatically find each other and swap addresses.
The MODE_IND line and LED flash to indicate that the process was
successful and the devices are ready to use.
Figure 10 shows a typical schematic for the HumPRCTM Series transceiver
being used as a receiver only. The C0 and C1 lines are pulled to ground,
setting all of the status lines as outputs.
The MODE_IND line is connected to an LED to provide visual feedback to
the user that an action is taking place.
The PAIR line is connected to a pushbutton switch for activating the Join
Process.
The ACK_EN line is pulled to supply so that the module will send an
acknowledgement as soon as it receives a signal. Alternatively, this line can
be connected to external circuitry to take the line high when an action has
taken place. For example, a circuit can take the line high when a motor has
actually stopped or a door has actually locked. This way the LED on the
handheld lights up only when the desired action has occurred.
Additional features can be enabled through the module's Command Data
Interface. The data guide and additional documentation for the HumPRCTM
Series transceiver can be found on the Linx Technologies website at www.
linxtechnologies.com.
Figure 9: Standard (top) and
Pre-certified (bottom) HumPRCTM
Modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com