Electronic Components Datasheet Search
  English  ▼

X  

MDEV-900-PRC Datasheet(PDF) 7 Page - Linx Technologies

Part # MDEV-900-PRC
Description  HumPRC 900MHz Long-Range Handheld Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-900-PRC Datasheet(HTML) 7 Page - Linx Technologies

Back Button MDEV-900-PRC Datasheet HTML 3Page - Linx Technologies MDEV-900-PRC Datasheet HTML 4Page - Linx Technologies MDEV-900-PRC Datasheet HTML 5Page - Linx Technologies MDEV-900-PRC Datasheet HTML 6Page - Linx Technologies MDEV-900-PRC Datasheet HTML 7Page - Linx Technologies MDEV-900-PRC Datasheet HTML 8Page - Linx Technologies MDEV-900-PRC Datasheet HTML 9Page - Linx Technologies MDEV-900-PRC Datasheet HTML 10Page - Linx Technologies MDEV-900-PRC Datasheet HTML 11Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
–
–
3
Theory of Operation
The OTX-900-HH-LR8-PRC Long-Range Handheld Transmitter uses
a HumPRCTM Series transceiver to form a simple, yet highly reliable RF
remote control transmitter. The HumPRCTM Series transceiver is a low-cost,
high performance FSK radio that utilizes a proprietary Frequency Hopping
Spread Spectrum (FHSS) technique and over-the-air protocol. The FHSS
offers much greater noise immunity and range than traditional narrow-band
transmitters.
When a button is pressed on the transmitter, power is applied to the
internal circuitry and the module is enabled. The module detects the logic
states of the button data lines. These states are formatted into a packet
and transmitted repeatedly until the button is released.
The receiving module checks the addressing in the received packet (and
encryption, if enabled). If the packet is valid and intended for the receiver,
then the module replicates the transmitter's button states on its outputs.
These outputs can then be used to activate whatever external circuitry is
required by the application.
The transmitter is compatible with the HumPRCTM and HumPROTM
product families. Ranges of up to 0.8 mile (1,300m) are possible with good
antennas and a quiet, line-of-sight environment. Applications operating
over shorter distances also benefit from the increased link reliability and
superior noise immunity provided by the radio and protocol.
By building on the HumPROTM Series data module, it is simple to create
mixed-mode systems that combine data transmissions with remote control
functionality. For example, a single HumPROTM Series transceiver can
accept remote control commands from the handheld transmitter as well as
sensor values from other devices in system. This greatly reduces system
cost and complexity and opens up many options for the creative designer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com