Electronic Components Datasheet Search
  English  ▼

X  

MDEV-900-PRC Datasheet(PDF) 15 Page - Linx Technologies

Part # MDEV-900-PRC
Description  HumPRC 900MHz Long-Range Handheld Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINX [Linx Technologies]
Direct Link  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-900-PRC Datasheet(HTML) 15 Page - Linx Technologies

Back Button MDEV-900-PRC Datasheet HTML 8Page - Linx Technologies MDEV-900-PRC Datasheet HTML 9Page - Linx Technologies MDEV-900-PRC Datasheet HTML 10Page - Linx Technologies MDEV-900-PRC Datasheet HTML 11Page - Linx Technologies MDEV-900-PRC Datasheet HTML 12Page - Linx Technologies MDEV-900-PRC Datasheet HTML 13Page - Linx Technologies MDEV-900-PRC Datasheet HTML 14Page - Linx Technologies MDEV-900-PRC Datasheet HTML 15Page - Linx Technologies MDEV-900-PRC Datasheet HTML 16Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
–
–
11
VCC
GND
B1
BATHLD-001-THM
VCC
S0
S1
S2
S3
S4
S5
S6
S7
LED0
GND
ACK_OUT
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
10
10
11
11
J1
RESET
1
VDD
2
GND
3
C0
4
C1
5
NC
6
J2
RESET
C1
C0
GND
VCC
CD_OUT
CD_IN
VCC
GND
PAIR
1
2
3
4
5
J3
R6
10k
VCC
ANT1
ANT-fff-PW-LP
S0
S1
S2
S3
GND
GND
C2
0.1uF
GND
VCC
S1
PAIR
CD_OUT
CD_IN
R1
200
R2
200
D1
Blue
GND
VCC
21
GND
18
RESET
22
LNA_EN
23
PA_EN
24
CMD_DATA_OUT
26
CMD_DATA_IN
27
ACK_EN
28
PAIR
29
GND
25
ANT
19
S3
5
S2
6
S1
7
S0
8
C0
10
C1
11
POWER_DOWN
12
LATCH_EN
13
GND
9
TR1
HUM-fff-PRC-CAS
VCC
VCC
GND
VCC
GND
RESET
C1
C0
R7 10k
R8 10k
R9 10k
VCC
GND
VCC
R11
10k
GND
Figure 11: OTX-900-HH-LR8-PRC Schematic Diagram
transmission or within the ALIVE interval of the previous Remote Confirm
message.
Transmitter Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com