Electronic Components Datasheet Search
  English  ▼

X  

MAX4353ESA Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4353ESA
Description  Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4353ESA Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4353ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Low-Cost, +3V/+5V, 620µA, 200MHz,
Single-Supply Op Amps with Rail-to-Rail Outputs
_______________________________________________________________________________________
9
10
14
12
18
16
22
20
24
28
26
30
0
50
100
150
ISOLATION RESISTANCE
vs. CAPACITIVE LOAD
CLOAD (pF)
MAX4452/MAX4453/MAX4454
POWER-UP TIME
MAX4452/3/4 toc32
500ns/div
VSUPPLY
VOUT
5V
0
1.5V
0
MAX4352/MAX4353/MAX4354
POWER-UP TIME
MAX4452/3/4 toc33
500ns/div
VSUPPLY
VOUT
5V
0
1.5V
0
0
0.3
0.2
0.1
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-50
0
-25
255075
100
TEMPERATURE (
°C)
SUPPLY CURRENT vs. TEMPERATURE
(PER AMPLIFIER)
-200
-100
-150
50
0
-50
150
100
200
-50
-5
10
-35 -20
25
40
55
70
85
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
-0.10
-0.06
-0.08
-0.02
-0.04
0.02
0
0.04
0.08
0.06
0.10
-50
-20
-5
10
-35
25
40
55
70
85
TEMPERATURE (
°C)
INPUT OFFSET CURRENT
vs. TEMPERATURE
-2.0
-1.0
-1.5
0.5
0
-0.5
1.5
1.0
2.0
-50
-5
10
-35 -20
25
40
55
70
85
TEMPERATURE (
°C)
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
0
50
100
150
200
250
-50
-5
10
-35 -20
25
40
55
70
85
TEMPERATURE (
°C)
OUTPUT VOLTAGE SWING
vs. TEMPERATURE
VOH
VOL
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0, VCM = +1.75V, AVCL = +1V/V (MAX4452/MAX4453/MAX4454), AVCL = +5V/V (MAX4352/MAX4353/MAX4354),
RL = 1k
Ω to VCC/2, CL = 5pF, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com