Electronic Components Datasheet Search
  English  ▼

X  

MAX4353ESA Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4353ESA
Description  Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4353ESA Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4353ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Low-Cost, +3V/+5V, 620µA, 200MHz,
Single-Supply Op Amps with Rail-to-Rail Outputs
12
______________________________________________________________________________________
Active Filters
The low distortion and high bandwidth of the
MAX4452/MAX4453/MAX4454
and
MAX4352/
MAX4353/MAX4354 make them ideal for use in active
filter circuits. Figure 4 is a 15MHz lowpass multiple
feedback active filter using the MAX4452.
ADC Input Buffer
Input buffer amplifiers can be a source of significant
errors in high-speed ADC applications. The input buffer
is usually required to rapidly charge and discharge the
ADC’s input, which is often capacitive. See Output
Capacitive Loading and Stability. In addition, since a
high-speed ADC’s input impedance often changes very
rapidly during the conversion cycle, measurement
accuracy must be maintained using an amplifier with
very low output impedance at high frequencies. The
combination of high speed, fast slew rate, low noise,
and a low and stable distortion over load makes the
MAX4452/MAX4453/MAX4454/MAX4352/MAX4353/
MAX4354 ideally suited for use as buffer amplifiers in
high-speed ADC applications.
Layout and Power-Supply Bypassing
These amplifiers operate from a single +2.7V to +5.25V
power supply. Bypass VCC to ground with a 0.1µF
capacitor as close to the pin as possible.
Maxim recommends using microstrip and stripline tech-
niques to obtain full bandwidth. Design the PC board
for a frequency greater than 1GHz to prevent amplifier
performance degradation due to board parasitics.
Avoid large parasitic capacitance at inputs and out-
puts. Whether or not a constant-impedance board is
used, observe the following guidelines:
• Do not use wirewrap boards due to their high induc-
tance.
• Do not use IC sockets because of the increased
parasitic capacitance and inductance.
Gain
R2
R1
0
1
2p
1
R2
R3
C1 C2
C2
C1 C2 R2 R3
1
R1
1
R2
1
R3
=
ƒ =
××
×
=
××
×
++
-
Q
IN
RS
RF
RG
VOUT
RO
VOUT = (RF / RG) VIN
Figure 3b. Inverting Gain Configuration
VOUT = [1+ (RF / RG)] VIN
IN
RS
RF
RG
VOUT
RO
Figure 3a. Noninverting Gain Configuration
VIN
VOUT
C1
100pF
R2
150
Ω
C2
15pF
R3
R1
511
Ω
150
Ω
10k
Ω
10k
Ω
+5.0V
Figure 4. Multiple-Feedback Lowpass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com