Electronic Components Datasheet Search
  English  ▼

X  

MAX4353ESA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4353ESA
Description  Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4353ESA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4353ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Low-Cost, +3V/+5V, 620µA, 200MHz,
Single-Supply Op Amps with Rail-to-Rail Outputs
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VEE = 0, VCM = +1.75V, RL = 1k
Ω to VCC/2, AVCL = +1V/V (MAX4452/MAX4453/MAX4454), AVCL = +5V/V
(MAX4352/MAX4353/MAX4354), TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX4452/MAX4453/
MAX4454
-83
VCC = 5V,
VOUT = 2Vp-p,
fC = 1MHz
MAX4352/MAX4353/
MAX4354
-74
MAX4452/MAX4453/
MAX4454
-79
Spurious-Free Dynamic
Range
SFDR
VCC = 3V,
VOUT = 2Vp-p,
fC = 1MHz
MAX4352/MAX4353/
MAX4354
-70
dBc
MAX4452/MAX4453/
MAX4454
-83
VCC = 5V,
VOUT = 2Vp-p,
fC = 1MHz
MAX4352/MAX4353/
MAX4354
-74
MAX4452/MAX4453/
MAX4454
-79
2nd-Harmonic Distortion
VCC = 3V,
VOUT = 1Vp-p,
fC = 1MHz
MAX4352/MAX4353/
MAX4354
-70
dBc
MAX4452/MAX4453/
MAX4454
-87
VCC = 5V,
VOUT = 2Vp-p,
fC = 1MHz
MAX4352/MAX4353/
MAX4354
-74
MAX4452/MAX4453/
MAX4454
-80
3rd-Harmonic Distortion
VCC = 3V,
VOUT = 1Vp-p,
fC = 1MHz
MAX4352/MAX4353/
MAX4354
-72
dBc
MAX4452/MAX4453/
MAX4454
-82
VCC = 5V,
VOUT = 2Vp-p,
fC = 1MHz
MAX4352/MAX4353/
MAX4354
-71
MAX4452/MAX4453/
MAX4454
-77
Total Harmonic Distortion
THD
VCC = 3V,
VOUT = 1Vp-p,
fC = 1MHz
MAX4352/MAX4353/
MAX4354
-68
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com