Electronic Components Datasheet Search
  English  ▼

X  

MAX4353ESA Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4353ESA
Description  Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4353ESA Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4353ESA Datasheet HTML 9Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 10Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 11Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 12Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 13Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 14Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 15Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 16Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Low-Cost, +3V/+5V, 620µA, 200MHz,
Single-Supply Op Amps with Rail-to-Rail Outputs
______________________________________________________________________________________
13
• Use surface-mount instead of through-hole compo-
nents for better high-frequency performance.
• Use a PC board with at least two layers; it should be
as free from voids as possible.
• Keep signal lines as short and as straight as possi-
ble. Do not make 90° turns; round all corners.
____________________Chip Information
MAX4452/MAX4352 TRANSISTOR COUNT: 97
MAX4453/MAX4353 TRANSISTOR COUNT: 192
MAX4454/MAX4354 TRANSISTOR COUNT: 378
PROCESS: Bipolar
TOP VIEW
VEE
IN-
IN+
15
VCC
OUT
MAX4452
MAX4352
SOT23/SC70
2
34
INB-
INB+
VEE
1
2
8
7
VCC
OUTB
INA-
INA+
OUTA
THIN SOT23/SOT23/SO
3
4
6
5
MAX4453
MAX4353
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUTD
IND-
IND+
VEE
VCC
INA+
INA-
OUTA
MAX4454
MAX4354
INC+
INC-
OUTC
OUTB
INB-
INB+
TSSOP/SO
Pin Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com