Electronic Components Datasheet Search
  English  ▼

X  

MAX4353ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4353ESA
Description  Low-Cost, 3V/5V, 620關A, 200MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4353ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4353ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4353ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Low-Cost, +3V/+5V, 620µA, 200MHz,
Single-Supply Op Amps with Rail-to-Rail Outputs
_______________________________________________________________________________________
5
0.40
0.45
0.55
0.50
0.70
0.75
0.65
0.60
0.80
2.7
3.5
3.9
3.1
4.3
4.7
5.1
5.5
SUPPLY VOLTAGE (V)
SUPPLY CURRENT vs.
SUPPLY VOLTAGE (PER AMPLIFIER)
3
-7
100k
100M
SMALL-SIGNAL GAIN vs. FREQUENCY
-2
-1
0
1
2
FREQUENCY (Hz)
1M
10M
-3
-5
-4
-6
1G
MAX4452/MAX4453/
MAX4454
MAX4352/MAX4353/
MAX4354
0.5
-0.5
10k
100k
1M
10M
100M
1G
GAIN FLATNESS vs. FREQUENCY
-0.3
FREQUENCY (Hz)
-0.1
0.1
0.3
-0.4
-0.2
0
0.2
0.4
MAX4452/MAX4453/
MAX4454
MAX4352/MAX4353/
MAX4354
Typical Operating Characteristics
(VCC = +5V, VEE = 0, VCM = +1.75V, AVCL = +1V/V (MAX4452/MAX4453/MAX4454), AVCL = +5V/V (MAX4352/MAX4353/MAX4354),
RL = 1k
Ω to VCC/2, CL = 5pF, TA = +25°C, unless otherwise noted.)
Note 1: Units are 100% production tested at TA = +25°C. Specifications over temperature limits are guaranteed by design.
Note 2: Guaranteed by design.
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = +5V, VEE = 0, VCM = +1.75V, RL = 1k
Ω to VCC/2, AVCL = +1V/V (MAX4452/MAX4453/MAX4454), AVCL = +5V/V
(MAX4352/MAX4353/MAX4354), TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Two-Tone, Third-Order
Intermodulation Distortion
f1 = 2MHz, f2 = 2.1MHz
-65
dBc
Input Noise-Voltage Density
en
f = 10kHz
15
nV/
√Hz
Input Noise-Current Density
in
f = 10kHz
0.5
pA/
√Hz
Input Capacitance
CIN
2
pF
Output Impedance
ZOUT
f = 1MHz
0.8
Ω
Capacitive Load Drive
22
pF
Crosstalk
XTALK
MAX4453/MAX4454/MAX4353/MAX4354
VOUT = 100mVp-p, f = 1MHz
-74
dB
Power-Up 1% Settling Time
(Note 2)
1
100
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com