Electronic Components Datasheet Search
  English  ▼

X  

AS431 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AS431
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS431 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AS431 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ADJUSTABLE PRECISION SHUNT REGULATORS
AS431
Data Sheet
4
Nov. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Cathode Voltage
VKA
40
V
Cathode Current Range (Continuous)
IKA
-100 to 150
mA
Reference Input Current Range
IREF
10
mA
Power Dissipation
PD
Z, R Package: 770
mW
N, K Package: 370
Junction Temperature
TJ
160
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Package Thermal Impedance
θ
JA
N Package: 330
oC/W
Z Package: 150
R Package: 50
K Package: 250
ESD (Human Body Model)
4000
V
Parameter
Symbol
Min
Max
Unit
Cathode Voltage
VKA
VREF
36
V
Cathode Current
IKA
1.0
100
mA
Operating Ambient Temperature Range
-40
125
oC
Recommended Operating Conditions
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum
Ratings" for extended periods may affect device reliability.
Absolute Maximum Ratings (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com