Electronic Components Datasheet Search
  English  ▼

X  

AS431 Datasheet(PDF) 12 Page - BCD Semiconductor Manufacturing Limited

Part # AS431
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS431 Datasheet(HTML) 12 Page - BCD Semiconductor Manufacturing Limited

Back Button AS431 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ADJUSTABLE PRECISION SHUNT REGULATORS
AS431
Data Sheet
12
Nov. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Figure 21. PWM Converter with Reference
Figure 20. Precision 5V 1A Regulator
AZ1117
V
IN
V
OUT
Adjust
8.2K
AS431
R1
R2
R3
250
250
5V, 1A
PWM Controller
C1
R1
R2 680
U2
3
4
PS521
C2
2
R3
R4
R5
V
OUT
AS431
Q1
COMP
VFB
Typical Application (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com