Electronic Components Datasheet Search
  English  ▼

X  

AS431 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AS431
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS431 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AS431 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ADJUSTABLE PRECISION SHUNT REGULATORS
AS431
5
Nov. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Data Sheet
Parameter
Test
Circuit
Symbol
Conditions
AS431
Unit
Min
Typ
Max
Reference Voltage
0.4%
4
VREF
VKA=VREF, IKA=10mA
2.490
2.500
2.510
V
0.8%
2.480
2.500
2.520
Deviation of Reference
Voltage Over-temperature
4
∆V
REF
VKA=VREF
IKA=10mA
0 to 70oC
4.5
8
mV
-40 to 85oC
4.5
10
Ratio of Change in Reference
Voltage to the Change in
Cathode Voltage
5
∆V
REF
∆V
KA
IKA=10mA
∆V
KA=
10V to VREF
-1.0
-2.7
mV/V
∆V
KA=
36V to 10V
-0.5
-2.0
Reference Current
5
IREF
IKA=10mA, R1=10KΩ, R2=∞
0.7
4
µA
Deviation of Reference Current
Over Full Temperature Range
5
∆I
REF
IKA=10mA, R1=10KΩ
R2=
∞, T
A=-40 to 85
oC
0.4
1.2
µA
Minimum Cathode Current for
Regulation
4
IKA
(Min)
VKA=VREF
0.4
1.0
mA
Off-state Cathode Current
6
IKA
(Off)
VKA=36V, VREF=0
0.05
1.0
µA
Dynamic Impedance
4
ZKA
VKA=VREF, IKA=1 to 100mA,
f
≤ 1.0KHz
0.15
0.5
Ω
Electrical Characteristics for AS431
Operating Conditions: TA=25
oC, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com