Electronic Components Datasheet Search
  English  ▼

X  

AS431 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AS431
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS431 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AS431 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ADJUSTABLE PRECISION SHUNT REGULATORS
AS431
7
Nov. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Data Sheet
Figure 7. Reference Voltage vs. Ambient Temperature
Figure 8. Reference Current vs. Ambient Temperature
Figure 9. Cathode Current vs. Cathode Voltage
Figure 10. Cathode Current vs. Cathode Voltage
-60
-40
-20
0
20
40
60
80
100
120
140
2.485
2.490
2.495
2.500
2.505
2.510
Ambient Temperature (
oC)
V
KA
= V
REF
I
KA
= 10mA
-60
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
R
1
=10K,R
2
=Infinite
I
KA
=10mA
Ambient Temperature (
0C)
-2
-1
01
23
-100
-50
0
50
100
150
Cathode Voltage (V)
V
KA
=V
REF
T
A
=25
0C
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
-200
0
200
400
600
800
Cathode Voltage (V)
V
KA
=V
REF
T
A
=25
0C
Typical Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com