Electronic Components Datasheet Search
  English  ▼

X  

AS431 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AS431
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS431 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AS431 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
ADJUSTABLE PRECISION SHUNT REGULATORS
AS431
Data Sheet
3
Nov. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Ordering Information
Circuit Type
Bandage Tolerance
B: 0.8%
A: 0.4%
E1: Lead-Free
Blank: Tin Lead
AS431
-
Package
Temperature
Range
Voltage
Tolerance
Part Number
Marking ID
Packing
Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOT-23-3
-40 to 125oC
0.4%
AS431ANTR-E1
EB5
Tape & Reel
0.8%
AS431BNTR-E1
EB6
Tape & Reel
SOT-23-5
-40 to 125oC
0.4%
AS431AKTR-E1
E6H
Tape & Reel
0.8%
AS431BKTR-E1
E6I
Tape & Reel
TO-92
-40 to 125oC
0.4%
AS431AZ-E1
AS431AZ-E1
Bulk
0.4%
AS431AZTR-E1
AS431AZ-E1
Ammo
0.8%
AS431BZ-E1
AS431BZ-E1
Bulk
0.8%
AS431BZTR-E1
AS431BZ-E1
Ammo
SOT-89
-40 to 125
oC
0.4%
AS431ARTR-E1
E43G
Tape & Reel
0.8%
AS431BRTR-E1
E43H
Tape & Reel
Package
N: SOT-23-3
K: SOT-23-5
R: SOT-89
TR: Tape and Reel or Ammo
Blank: Tube or Bulk
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Z: TO-92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com